Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022288081 Datasheet(PDF) 10 Page - Molex Electronics Ltd.

Part # 0022288081
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 8 Circuits, Tin (Sn) Plating, Mating Pin Length 8.23mm (.324")
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022288081 Datasheet(HTML) 10 Page - Molex Electronics Ltd.

Back Button 0022288081 Datasheet HTML 6Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 7Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 8Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 9Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 10Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 11Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 12Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 13Page - Molex Electronics Ltd. 0022288081 Datasheet HTML 14Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 8 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0504
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-ABA154
PIN LENGTH: L
.455/11.56
MATING LENGTH: M
.149/3.78
GOLD POINT: G
N/A
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.120/3.05
TIN: T
OVERALL
CKTS:
2-36
KINKS:
NONE
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
20
03
21
04
22
05
23
06
24
07
25
08
26
09
27
10
28
11
29
12
30
13
31
14
22-28-9148 A-42377-0504
32
15
33
16
34
17
35
18
36
19


Similar Part No. - 0022288081

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022288082 MOLEX3-0022288082 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 8 Circuits
0022288084 MOLEX3-0022288084 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 8 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 6.20mm (.244")
0022288085 MOLEX3-0022288085 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 8 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com