Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41771-0025 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 41771-0025
Description  3.96mm (.156") Pitch KK짰 Solid Header, Vertical, without Peg, 8 Circuits, Gold (Au) Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

41771-0025 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

  41771-0025 Datasheet HTML 1Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 2Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 3Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 4Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 5Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 6Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 7Page - Molex Electronics Ltd. 41771-0025 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
41771
REV:
ECR/ECN NFORMATION:
SHEET No.
EC No.:
UCP2010-1257
H3
DATE:
11/30/2009
TITLE:
KK 156 HEADER ASSY
FLAT VERT
W/O PEGS
- 6 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41771-001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC [SIZE_A](V.1). DOC
Group
A-41771-0781/0787
Group
A-41771-0972/0988
Group
A-41771-1007
Group
Header No:
41770-0002/0018
Header No:
41770-0002/0018
Header No:
41770-0003
Header No:
Pin No:
2161-94 (102)
Pin No:
2161-5(102)
Pin No:
43294-0212
Pin No:
Plating:
102 - TIN
Plating:
102 – TIN
Plating:
222 – TIN
Plating:
Pin Length L 18.29 / .720
Pin Length L
34.93 / 1.375
Pin Length L
18.29 / .720
Pin Length L
Mating
X
11.43 / .450
Mating
X
15.80 / .622
Mating
X
11.43 / .450
Mating
X
Gold Loc G N/A
Gold Loc G
NA
Gold Loc G
N/A
Gold Loc G
PC Tail
P
3.84 / .140
PC Tail
P
15.82 / .623
PC Tail
P
3.56 / .140
PC Tail
P
Tin Loc
T
OVERALL
Tin Loc
T
OVERAL
Tin Loc
T
OVERALL
Tin Loc
T
Voided Ckts
4, 12
Voided Ckts
NONE
Voided Ckts
2
Voided Ckts
Pack Per
PK-41771-001
Pack Per
PK-41771-003
Pack Per
PK-41771-001
Pack Per
CKTS
Material No
Engineer Number
Material No
Material No
Material No
Engineer Number
2
41771-0972
3
41771-0973
41771-1007
4
41771-0974
5
41771-0975
6
41771-0976
7
41771-0977
8
41771-0978
9
41771-0979
10
41771-0980
11
41771-0981
12
27-66-2122
A-41771-0781
41771-0982
13
A-41771-0782
41771-0983
14
A-41771-0783
41771-0984
15
A-41771-0784
41771-0985
16
A-41771-0785
41771-0986
17
A-41771-0786
41771-0987
18
A-41771-0787
41771-0988


Similar Part No. - 41771-0025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
41771-0025 MOLEX11-41771-0025 Datasheet
36Kb / 2P
   KK짰 396 Header, Vertical, without Peg, 8 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com