Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25-02-6030 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 25-02-6030
Description  2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 30 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

25-02-6030 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  25-02-6030 Datasheet HTML 1Page - Molex Electronics Ltd. 25-02-6030 Datasheet HTML 2Page - Molex Electronics Ltd. 25-02-6030 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0025026030
Status:
Active
Description:
2.54mm (.100") Pitch C-Grid® Header, Dual Row, Shrouded, with PC Slot and Guide
Ear, 30 Circuits, 0.38µm (15µ") Gold (Au) Selective Plating
Documents:
3D Model
Product Specification PS-70204 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70204
Application
Board-to-Board
Product Name
C-Grid®
Physical
Breakaway
No
Circuits (Loaded)
30
Circuits (maximum)
30
Durability (mating cycles max)
50
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.110 In
PC Tail Length (mm)
2.79 mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
15
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
75
Plating min: Termination (µm)
1.91
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70204Series
Mates With
71973


Similar Part No. - 25-02-6030

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
25-02-6032 MOLEX3-25-02-6032 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 32 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
25-02-6034 MOLEX3-25-02-6034 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid짰 Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 34 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
25-02-6036 MOLEX3-25-02-6036 Datasheet
247Kb / 3P
   2.54mm (.100") Pitch C-Grid Header, Dual Row, Shrouded, with PC Slot and Guide Ear, 36 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com