Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114YSA Datasheet(PDF) 3 Page - Rohm

Part # DTC114YSA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114YSA Datasheet(HTML) 3 Page - Rohm

  DTC114YSA Datasheet HTML 1Page - Rohm DTC114YSA Datasheet HTML 2Page - Rohm DTC114YSA Datasheet HTML 3Page - Rohm DTC114YSA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DTC114YM / DTC114YE / DTC114YUA
Transistors
DTC114YKA / DTC114YSA
!
!
!
!
Electrical characteristic curves
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
100
50
20
10
5
2
1
500m
200m
100m
VO
=0.3V
Ta
=−40°C
25
°C
100
°C
Fig.1 Input voltage vs. output current
(ON characteristics)
INPUT VOLTAGE : VI(off)
(V)
0
3.0
10m
1
µ
2m
5m
1m
200
µ
500
µ
100
µ
20
µ
50
µ
10
µ
2
µ
5
µ
0.5
1.0
1.5
2.0
2.5
VCC
=5V
Fig.2 Output current vs. input voltage
(OFF characteristics)
Ta
=100°C
25
°C
−40°C
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1k
500
200
100
50
20
10
5
2
1
VO
=5V
Ta
=100°C
25
°C
−40°C
Fig.3 DC current gain vs. output
current
OUTPUT CURRENT : IO
(A)
100
µ 200µ 500µ 1m 2m
5m 10m 20m
50m 100m
1
500m
200m
100m
50m
20m
10m
5m
2m
1m
lO/lI
=20
Ta
=100°C
25
°C
−40°C
Fig.4 Output voltage vs. output
current


Similar Part No. - DTC114YSA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTC114YSA JIANGSU-DTC114YSA Datasheet
117Kb / 2P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTC114YSA TGS-DTC114YSA Datasheet
144Kb / 2P
   Digital transistors (built-in resistors)
logo
Shenzhen Jin Yu Semicon...
DTC114YSA HTSEMI-DTC114YSA Datasheet
332Kb / 2P
   DIGITAL TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
DTC114YSA SECOS-DTC114YSA Datasheet
228Kb / 2P
   NPN Digital Transistors (Built-in Resistors)
logo
Taiwan Semiconductor Co...
DTC114YSA TSC-DTC114YSA Datasheet
795Kb / 4P
   NPN Small Signal Transistor
More results

Similar Description - DTC114YSA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com