Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29-11-0053 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 29-11-0053
Description  2.50mm (.098") Pitch SPOX??Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears, 5 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

29-11-0053 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  29-11-0053 Datasheet HTML 1Page - Molex Electronics Ltd. 29-11-0053 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0029110053
Status:
Active
Overview:
spox
Description:
2.50mm (.098") Pitch SPOX™ Wire-to-Wire Plug Housing, Friction Lock, Optional
Mounting Ears, 5 Circuits
Documents:
3D Model
Product Specification PS-51191-003 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-5102-003 (PDF)
Agency Certification
CSA
LR19980
TUV
R72090224
UL
E29179
General
Product Family
Crimp Housings
Series
5240
Overview
spox
Product Name
SPOX™
Physical
Circuits (maximum)
5
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Number of Rows
1
Packaging Type
Bag
Panel Mount
No, Yes
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Material Info
Old Part Number
5240-051
Reference - Drawing Numbers
Packaging Specification
SPK-5240-001
Product Specification
PS-5102-003, PS-51191-003
Sales Drawing
SD-5240-N1
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
5240Series
Mates With
51191 Housing
Use With
5241
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 29-11-0053

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
29-11-0052 MOLEX3-29-11-0052 Datasheet
125Kb / 2P
   2.50mm (.098") Pitch SPOX Wire-to-Wire Plug Housing, Friction Lock, Optional Mounting Ears
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com