Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB123 Datasheet(PDF) 1 Page - Rohm

Part # DTB123
Description  Digital transistors (built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB123 Datasheet(HTML) 1 Page - Rohm

  DTB123 Datasheet HTML 1Page - Rohm DTB123 Datasheet HTML 2Page - Rohm DTB123 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
(96-302-B123Y)
FExternal dimensions (Units: mm)
382
Transistors
Digital transistors (built-in resistors)
DTB123YK / DTB123YC / DTB123YS
FFeatures
1) Built-in bias resistors enable the
configuration of an inverter circuit
without connecting external input
resistors (see equivalent circuit).
2) The bias resistors consist of thin-
film resistors with complete isola-
tion to allow positive biasing of the
input. They also have the advan-
tage of almost completely eliminat-
ing parasitic effects.
3) Only the on / off conditions need to
be set for operation, making device
design easy.
FStructure
PNP digital transistor
(Built-in resistor type)
FEquivalent circuit


Similar Part No. - DTB123

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB123E ROHM-DTB123E Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTB123E UTC-DTB123E Datasheet
148Kb / 3P
   DIGITAL TRANSISTORS
logo
Rohm
DTB123EC ROHM-DTB123EC Datasheet
1Mb / 8P
   -500mA/-50V Digital transistor
DTB123ECHZG ROHM-DTB123ECHZG Datasheet
1Mb / 9P
   500mA/-50V Digital transistor (with built-in resistor)
logo
Unisonic Technologies
DTB123EG-AE3-R UTC-DTB123EG-AE3-R Datasheet
148Kb / 3P
   DIGITAL TRANSISTORS
More results

Similar Description - DTB123

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com