Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTB122JK Datasheet(PDF) 2 Page - Rohm

Part # DTB122JK
Description  Digital transistor (built-in resistors)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTB122JK Datasheet(HTML) 2 Page - Rohm

  DTB122JK Datasheet HTML 1Page - Rohm DTB122JK Datasheet HTML 2Page - Rohm DTB122JK Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DTB122JK
Transistors
Rev.A
2/2
Electrical characteristics curves
−100
−50
−20
−10
−5
−2
−1
−500m
−200m
−100m
−1m
−500µ−2m −5m −10m −20m −50m −100m −200m −500m
VO
= −0.3V
Fig.1 Input voltage vs. Output current
(ON characteristics)
OUTPUT CURRENT : IO
(A)
Ta
=25 C
0
−3
−2.5
−2
−1.5
−1
−500m
INPUT VOLTAGE : VI(off) (V)
−1µ
−10µ
−5µ
−2µ
−100µ
−50µ
−20µ
−1m
−10m
−500µ
−200µ
−5m
−2m
Fig.2 Output current vs. Input voltage
(OFF characteristics)
VCC
= −5V
Ta
=25 C
1000
500
200
100
50
20
10
5
2
1
−1m
−500µ−2m
−5m −10m −20m −50m −100m −200m −500m
Fig.3 DC current gain vs. Output current
OUTPUT CURRENT : IO
(A)
VO
= −5V
Ta
=25 C
−1
−500m
−200m
−100m
−50m
−20m
−10m
−5m
−2m
−1m
−1m
−500µ−2m
−5m −10m −20m −50m −100m −200m −500m
Fig.4 Output voltage vs. Output current
OUTPUT CURRENT : IO
(A)
IO/II
=20
Ta
=25 C


Similar Part No. - DTB122JK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTB122J ROHM-DTB122J Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
More results

Similar Description - DTB122JK

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA144VUA ROHM-DTA144VUA Datasheet
57Kb / 1P
   Digital transistor (built-in resistors)
DTD122JK ROHM-DTD122JK Datasheet
64Kb / 3P
   Digital transistor (built-in resistors)
DTA144VKA ROHM-DTA144VKA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTC144VUA ROHM-DTC144VUA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTD123YCHZG ROHM-DTD123YCHZG Datasheet
1Mb / 8P
   Digital transistor (built-in resistors)
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA124E UTC-DTA124E Datasheet
112Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA143Z UTC-DTA143Z Datasheet
114Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com