Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70450-0020 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70450-0020
Description  2.54mm (.100") Pitch SL??Crimp Housing, Dual Row, Version A, Nonpolarized, 42 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

70450-0020 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70450-0020 Datasheet HTML 1Page - Molex Electronics Ltd. 70450-0020 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0022552421
Status:
Active
Overview:
cgrid__sl_products
Description:
2.54mm (.100") Pitch SL™ Crimp Housing, Dual Row, Version A, Nonpolarized, 42
Circuits
Documents:
3D Model
Product Specification PS-70058 (PDF)
Drawing (PDF)
Product Specification PS-70400 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70450
Comments
Version A
Overview
cgrid__sl_products
Product Name
SL™
Physical
Breakaway
No
Circuits (maximum)
42
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Material Info
Old Part Number
70450-0020
Reference - Drawing Numbers
Packaging Specification
PK-70450-100
Product Specification
PS-70058, PS-70400
Sales Drawing
SD-70450-0001-0026
Test Summary
TS-70058-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70450Series
Mates With
8624 , 70203 , 70029 , 70567, 70568,
71308, 71349, 70287 , 70227 , 70280 ,
70260 , 8723 , 8724 , 70204
Use With
70058 , 71851
This document was generated on 05/18/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 70450-0020

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70450-0021 MOLEX3-70450-0021 Datasheet
129Kb / 2P
   2.54mm (.100") Pitch SL??Crimp Housing, Dual Row, Version A, Nonpolarized, 44 Circuits
70450-0022 MOLEX3-70450-0022 Datasheet
129Kb / 2P
   2.54mm (.100") Pitch SL??Crimp Housing, Dual Row, Version A, Nonpolarized, 46 Circuits
70450-0023 MOLEX3-70450-0023 Datasheet
129Kb / 2P
   2.54mm (.100") Pitch SL??Crimp Housing, Dual Row, Version A, Nonpolarized, 48 Circuits
70450-0024 MOLEX3-70450-0024 Datasheet
129Kb / 2P
   2.54mm (.100") Pitch SL??Crimp Housing, Dual Row, Version A, Nonpolarized, 50 Circuits
70450-0025 MOLEX3-70450-0025 Datasheet
129Kb / 2P
   2.54mm (.100") Pitch SL Crimp Housing, Dual Row, Version A, Nonpolarized, 52 Circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com