Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026484035 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0026484035
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, Tin (Sn) Plating, Pin length 28.57mm (1.125")
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026484035 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0026484035 Datasheet HTML 1Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 2Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 3Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 4Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 5Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 6Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 7Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 8Page - Molex Electronics Ltd. 0026484035 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
This document was generated on 03/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026484035
Status:
Active
Description:
3.96mm (.156") Pitch KK® Header, Breakaway, Vertical, 3 Circuits, Tin (Sn) Plating,
Pin length 28.57mm (1.125")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-08-50 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
41661
Application
Board-to-Board, Wire-to-Board
Product Name
KK®
Physical
Breakaway
Yes
Circuits (Loaded)
3
Circuits (maximum)
3
Circuits Detail
3
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.172 In
PC Tail Length (mm)
4.37 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Pitch - Term. Interface (in)
0.156 In
Pitch - Term. Interface (mm)
3.96 mm
Polarized to PCB
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
IDT or Pierce
Electrical
Current - Maximum per Contact
4.5A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
41661Series
Mates With
2139 KK® Crimp Housing, 41695 KK®
Crimp Housing, 6442 KK® Crimp Housing,
7674 KK® Crimp Housing, 7675 KK® IDT
Solder Connectors, 2145 PCB Connector,
41815 PCB Connector


Similar Part No. - 0026484035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026484032 MOLEX3-0026484032 Datasheet
379Kb / 15P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 3 Circuits, Tin (Sn) Plating, Pin length 30.48mm (1.200")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com