Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143XKA Datasheet(PDF) 2 Page - Rohm

Part # DTA143XKA
Description  Digital transistors (built-in resistors)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA143XKA Datasheet(HTML) 2 Page - Rohm

  DTA143XKA Datasheet HTML 1Page - Rohm DTA143XKA Datasheet HTML 2Page - Rohm DTA143XKA Datasheet HTML 3Page - Rohm DTA143XKA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTA143XM / DTA143XE / DTA143XUA
Transistors
DTA143XKA / DTA143XSA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Limits(DTA143X
)
Parameter
Symbol
VCC
150
200
300
−50
−20~+7
−100
−100
150
−55~+150
E
M
UAKASA
V
V
mA
mW
°C
°C
VI
IO
IC(Max.)
Pd
Tj
Tstg
Unit
Supply voltage
Input voltage
Output current
Power dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
VI(off)
VI(on)
VO(on)
II
IO(off)
R1
GI
R2/R1
fT
Min.
−2.5
3.29
30
1.7
−0.1
4.7
2.1
250
−0.3
−0.3
−1.8
−0.5
6.11
2.6
V
VCC
=−5V, IO=−100µA
VO
=−0.3V, IO=−20mA
IO/II
=−10mA/−0.5mA
VI
=−5V
VCC
=−50V, VI=0V
VO
=−5V, IO=−10mA
VCE
=−10V, IE=5mA, f=100MHz
V
mA
µA
k
−−
MHz
Typ.
Max.
Unit
Conditions
Input voltage
Output voltage
Input current
Output current
Input resistance
DC current gain
Resistance ratio
Transition frequency
∗ Transition frequency of the device
!
!
!
!
Packaging specifications
TL
UMT3
EMT3
SMT3
SPT
DTA143XE
DTA143XM
Type
DTA143XUA
3000
T2L
VMT3
8000
T106
3000
T146
3000
TP
5000
DTA143XKA
DTA143XSA
Package
Packaging type
Taping
Taping
Taping
Taping
Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTA143XKA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA143XKA JIANGSU-DTA143XKA Datasheet
109Kb / 2P
   Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTA143XKA SECOS-DTA143XKA Datasheet
183Kb / 2P
   PNP Digital Transistors (Built-in Resistors)
logo
Rohm
DTA143XKA ROHM-DTA143XKA Datasheet
147Kb / 3P
   -100mA /-50V Digital transistors
logo
Rectron Semiconductor
DTA143XKA RECTRON-DTA143XKA Datasheet
302Kb / 3P
   SOT-23-3L DIGITAL TRANSISTORS TRANSISTORS(PNP)
logo
Rohm
DTA143XKA ROHM-DTA143XKA Datasheet
1Mb / 11P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA143XKA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
DTC144EKA LRC-DTC144EKA Datasheet
76Kb / 2P
   Digital transistors(built-in resistors)
logo
Rohm
DTA123EM ROHM-DTA123EM Datasheet
88Kb / 4P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
LDTC114EET1 LRC-LDTC114EET1 Datasheet
206Kb / 3P
   Digital transistors (built-in resistors)
logo
Tiger Electronic Co.,Lt...
DTA143TM TGS-DTA143TM Datasheet
332Kb / 3P
   Digital transistors (built-in resistors)
DTA144TE TGS-DTA144TE Datasheet
168Kb / 2P
   Digital transistors (built-in resistors)
DTC143TM TGS-DTC143TM Datasheet
208Kb / 2P
   Digital transistors (built-in resistors)
DTC143XM TGS-DTC143XM Datasheet
213Kb / 2P
   Digital transistors (built-in resistors)
logo
E-Tech Electronics LTD
DTB143EK ETL-DTB143EK Datasheet
110Kb / 2P
   Digital transistors (built-in resistors)
DTD143E ETL-DTD143E Datasheet
121Kb / 2P
   Digital transistors (built-in resistors)
logo
Leshan Radio Company
DTA123EKA LRC-DTA123EKA Datasheet
75Kb / 2P
   Digital transistors(built-in resistors)
DTC114EKA LRC-DTC114EKA Datasheet
78Kb / 2P
   Digital transistors(built-in resistors)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com