Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA125TSA Datasheet(PDF) 1 Page - Rohm

Part # DTA125TSA
Description  Digital transistor (built-in resistor)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA125TSA Datasheet(HTML) 1 Page - Rohm

  DTA125TSA Datasheet HTML 1Page - Rohm DTA125TSA Datasheet HTML 2Page - Rohm DTA125TSA Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTA125TUA / DTA125TKA / DTA125TSA
Transistors
Rev.A
1/2
Digital transistor (built-in resistor)
DTA125TUA / DTA125TKA / DTA125TSA
Features
1) Built-in bias resistors enable the configuration of an
inverter circuit without connecting external input
resistors.
2) The bias resistors consist of thin-film resistors with
complete isolation to allow positive biasing of the input,
and parasitic effects are almost completely eliminated.
3) Only the on / off conditions need to be set for
operation, making device design easy.
4) Higher mounting densities can be achieved.
Circuit schematic
C
B
E
R1
E : Emitter
C : Collector
B : Base
External dimensions (Unit : mm)
ROHM : UMT3
EIAJ : SC-70
ROHM : SMT3
ROHM : SPT
DTA125TSA
DTA125TKA
DTA125TUA
EIAJ : SC-59
EIAJ : SC-72
(3) Collector
(1) Emitter
(2) Base
Each lead has same dimensions
1.25
2.1
0.1to0.4
(2) Base
(3) Collector
(1) Emitter
Each lead has same dimensions
0.3to0.6
2.8
1.6
0.45
2.5
(1) (2) (3)
(3) Base
(1) Emitter
(2) Collector
5
Taping specifications
0.45
0.5
42
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
Pc
Tj
Tstg
Limits
−50
−50
−5
−100
200
300
DTA125TUA / DTA125TKA
DTA125TSA
150
−55 to +150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature


Similar Part No. - DTA125TSA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA125T ROHM-DTA125T Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA125TKA ROHM-DTA125TKA Datasheet
141Kb / 3P
   -100mA / -50V Digital transistor (with built-in resistors)
DTA125TUA ROHM-DTA125TUA Datasheet
141Kb / 3P
   -100mA / -50V Digital transistor (with built-in resistors)
DTA125TUA ROHM-DTA125TUA_09 Datasheet
141Kb / 3P
   -100mA / -50V Digital transistor (with built-in resistors)
More results

Similar Description - DTA125TSA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123TKA ROHM-DTC123TKA Datasheet
70Kb / 3P
   Digital transistor (built-in resistor)
DTA113TKA ROHM-DTA113TKA Datasheet
64Kb / 3P
   Digital transistor (built in resistor)
DTD114GK ROHM-DTD114GK Datasheet
60Kb / 3P
   Digital transistor (built-in resistor)
DTC125TUA ROHM-DTC125TUA Datasheet
50Kb / 3P
   Digital transistor (built-in resistor)
DTB114TK ROHM-DTB114TK Datasheet
57Kb / 3P
   Digital transistor (built-in resistor)
logo
Unisonic Technologies
DTA115T UTC-DTA115T Datasheet
69Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTA144T UTC-DTA144T Datasheet
107Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTC124T UTC-DTC124T Datasheet
106Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTA124T UTC-DTA124T Datasheet
90Kb / 2P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
DTC115T UTC-DTC115T Datasheet
69Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTOR)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com