Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE-3192-14A501 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # AE-3192-14A501
Description  3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 14 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

AE-3192-14A501 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  AE-3192-14A501 Datasheet HTML 1Page - Molex Electronics Ltd. AE-3192-14A501 Datasheet HTML 2Page - Molex Electronics Ltd. AE-3192-14A501 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026232141
Status:
Active
Overview:
kk
Description:
3.96mm (.156") Pitch KK® Wire-to-Board Header, Vertical Round Pin, 14 Circuits, Gold
(Au) Plating, with Mating Pin Length of 11.43mm (.450")
Documents:
3D Model
Product Specification PS-99020-0087 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
3192
Application
Board-to-Board, Wire-to-Board
Overview
kk
Product Name
KK®
Physical
Breakaway
No
Circuits (Loaded)
14
Circuits (maximum)
14
Color - Resin
Natural
First Mate / Last Break
No
Flammability
94V-2
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Nylon
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.175 In
PC Tail Length (mm)
4.45 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Bag
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.5
Plating min: Termination (µin)
20
Plating min: Termination (µm)
0.5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
0°C to +75°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
3192Series


Similar Part No. - AE-3192-14A501

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
AE-3192-10A MOLEX3-AE-3192-10A Datasheet
95Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 10 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
AE-3192-10A501 MOLEX3-AE-3192-10A501 Datasheet
95Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 10 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
AE-3192-11A MOLEX3-AE-3192-11A Datasheet
94Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 11 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
AE-3192-11A501 MOLEX3-AE-3192-11A501 Datasheet
94Kb / 3P
   3.96mm (.156") Pitch KK짰 Wire-to-Board Header, Vertical Round Pin, 11 Circuits, Gold (Au) Plating, with Mating Pin Length of 11.43mm (.450")
AE-3192-12A501 MOLEX3-AE-3192-12A501 Datasheet
94Kb / 3P
   3.96mm (.156") Pitch KK Wire-to-Board Header, Vertical Round Pin, 12 Circuits, Gold (Au) Plating
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com