Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA114TUA Datasheet(PDF) 2 Page - Rohm

Part # DTA114TUA
Description  Digital transistors (built in resistor)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTA114TUA Datasheet(HTML) 2 Page - Rohm

  DTA114TUA Datasheet HTML 1Page - Rohm DTA114TUA Datasheet HTML 2Page - Rohm DTA114TUA Datasheet HTML 3Page - Rohm DTA114TUA Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DTA114TM / DTA114TE / DTA114TUA
Transistors
DTA114TKA / DTA114TSA
!
!
!
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
−50
−50
−5
−100
150
200
300
150
−55~+150
E
M
UAKASA
V
VCEO
VEBO
V
V
mA
mW
°C
°C
IC
PC
Tj
Tstg
Unit
Limits(DTA114T
)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
!
!
!
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
R1
fT
Min.
−50
−50
−5
100
7
250
10
250
VIC
=−50µA
IC
=−1mA
IE
=−50µA
VCB
=−50V
VEB
=−4V
VCE
=−5V, IC=−1mA
IC/IB
=−10mA/−1mA
VCE
=−10V, IE=5mA, f=100MHz
V
V
µA
µA
V
k
MHz
Typ.
−0.5
−0.5
600
−0.3
13
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Input resistance
Transition frequency
∗ Transition frequency of the device
!
!
!
!
Packaging specifications
DTA114TE
DTA114TM
Type
DTA114TUA
DTA114TKA
DTA114TSA
Package
Package type
TL
EMT3
3000
Taping
T2L
VMT3
8000
Taping
UMT3
T106
3000
Taping
SMT3
T146
3000
Taping
SPT
TP
5000
Taping
Code
Basic ordering
unit (pieces)


Similar Part No. - DTA114TUA

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
DTA114TUA JIANGSU-DTA114TUA Datasheet
78Kb / 2P
   Digital transistors (built-in resistors)
logo
Taiwan Semiconductor Co...
DTA114TUA TSC-DTA114TUA Datasheet
97Kb / 2P
   PNP Digital Transistor
logo
Guangdong Kexin Industr...
DTA114TUA KEXIN-DTA114TUA Datasheet
127Kb / 2P
   Digital Transistors
logo
Rohm
DTA114TUA ROHM-DTA114TUA Datasheet
1Mb / 13P
   PNP -100mA -50V Digital Transistor
DTA114TUA ROHM-DTA114TUA Datasheet
144Kb / 3P
   -100mA / -50V Digital transistors (with built-in resistors)
More results

Similar Description - DTA114TUA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC614T ROHM-DTC614T Datasheet
66Kb / 3P
   Digital transistors (built-in resistor)
DTB143TK ROHM-DTB143TK Datasheet
62Kb / 3P
   Digital transistors (built in resistor)
DTC115TH ROHM-DTC115TH Datasheet
59Kb / 2P
   Digital transistors (built in resistor)
DTD143TK ROHM-DTD143TK Datasheet
61Kb / 3P
   Digital transistors (built-in resistor)
DTC115GUA ROHM-DTC115GUA Datasheet
64Kb / 3P
   Digital transistors (built-in resistor)
DTB123YU ROHM-DTB123YU Datasheet
77Kb / 4P
   Digital transistors (built-in resistor)
DTC115TE ROHM-DTC115TE Datasheet
73Kb / 3P
   Digital transistors (built in resistor)
DTC614TUT106 ROHM-DTC614TUT106 Datasheet
59Kb / 3P
   Digital transistors (built-in resistor)
DTA124TM ROHM-DTA124TM Datasheet
55Kb / 3P
   Digital transistors (built in resistor)
DTC643TU ROHM-DTC643TU Datasheet
83Kb / 3P
   Digital transistors (built-in resistor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com