Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A41681A13A102 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # A41681A13A102
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

A41681A13A102 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  A41681A13A102 Datasheet HTML 1Page - Molex Electronics Ltd. A41681A13A102 Datasheet HTML 2Page - Molex Electronics Ltd. A41681A13A102 Datasheet HTML 3Page - Molex Electronics Ltd. A41681A13A102 Datasheet HTML 4Page - Molex Electronics Ltd. A41681A13A102 Datasheet HTML 5Page - Molex Electronics Ltd. A41681A13A102 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
41681
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2006-2983
S2
DATE:
2006-06-13
TITLE:
KK .156 HEADER ASSEMBLY
POLARIZING STRAIGHT
2-24 CKTS
- 2 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-41681-001
PRIDDER
ADERR
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-41681-ANA102-*
ENG. NO: A-41681-ANA501-*
ENG. NO: A-41681-ANC102-*
PIN NUMBER
2161-1(102)
PIN NUMBER
2161-1(501)
PIN NUMBER
2161-56(102)
PLATING
102
PLATING
501
PLATING
102
DIM. L
(19.05)/.750
DIM. L
(19.05)/.750
DIM. L
(17.86)/.703
DIM. X
(11.43)/.450
DIM. X
(11.43)/.450
DIM. X
(11.43)/.450
DIM. G (GOLD)
N/A
DIM. G (GOLD)
OVERALL
DIM. G (GOLD)
N/A
DIM. Z
(4.37)/.172
DIM. Z
(4.37)/.172
DIM. Z
(3.18)/.125
DIM. T (TIN)
OVERALL
DIM. T (TIN)
N/A
DIM. T (TIN)
OVERALL
PACKAGING
PK-41681-001 (BULK)
PACKAGING
PK-41681-001 (BULK)
PACKAGING
PK-41681-001 (BULK)
CKTS
EDP NO.
ENG. NO.
VOIDS
CKTS
EDP NO.
ENG. NO.
VOIDS
CKTS
EDP NO.
ENG. NO.
VOIDS
02
26-48-1023
A-41681-A2A102
02
26-48-2023
A-41681-A2A501
02
26-48-7025
A-41681-A2C102
03
26-48-1033
A-41681-A3A102
03
26-48-2033
A-41681-A3A501
03
26-48-7035
A-41681-A3C102
04
26-48-1043
A-41681-A4A102
04
26-48-2043
A-41681-A4A501
04
26-48-7045
A-41681-A4C102
05
26-48-1053
A-41681-A5A102
05
26-48-2053
A-41681-A5A501
05
26-48-7055
A-41681-A5C102
06
26-48-1063
A-41681-A6A102
06
26-48-2063
A-41681-A6A501
06
26-48-7065
A-41681-A6C102
07
26-48-1073
A-41681-A7A102
07
26-48-2073
A-41681-A7A501
07
26-48-7075
A-41681-A7C102
08
26-48-1083
A-41681-A8A102
08
26-48-2083
A-41681-A8A501
08
26-48-7085
A-41681-A8C102
09
26-48-1093
A-41681-A9A102
09
26-48-2093
A-41681-A9A501
09
26-48-7095
A-41681-A9C102
10
26-48-1103
A-41681-A10A102
10
26-48-2103
A-41681-A10A501
10
26-48-7105
A-41681-A10C102
11
26-48-1113
A-41681-A11A102
11
26-48-2113
A-41681-A11A501
11
26-48-7115
A-41681-A11C102
12
26-48-1123
A-41681-A12A102
12
26-48-2123
A-41681-A12A501
12
26-48-7125
A-41681-A12C102
13
26-48-1133
A-41681-A13A102
13
26-48-2133
A-41681-A13A501
13
26-48-7135
A-41681-A13C102
14
26-48-1143
A-41681-A14A102
14
26-48-2143
A-41681-A14A501
14
26-48-7145
A-41681-A14C102
15
26-48-1153
A-41681-A15A102
15
26-48-2153
A-41681-A15A501
15
26-48-7155
A-41681-A15C102
16
26-48-1163
A-41681-A16A102
16
26-48-2163
A-41681-A16A501
16
26-48-7165
A-41681-A16C102
17
26-48-1173
A-41681-A17A102
17
26-48-2173
A-41681-A17A501
17
26-48-7175
A-41681-A17C102
18
26-48-1183
A-41681-A18A102
18
26-48-2183
A-41681-A18A501
18
26-48-7185
A-41681-A18C102
19
26-48-1193
A-41681-A19A102
19
26-48-2193
A-41681-A19A501
19
26-48-7195
A-41681-A19C102
20
26-48-1203
A-41681-A20A102
20
26-48-2203
A-41681-A20A501
20
26-48-7205
A-41681-A20C102
21
26-48-1213
A-41681-A21A102
21
26-48-2213
A-41681-A21A501
21
26-48-7215
A-41681-A21C102
22
26-48-1223
A-41681-A22A102
22
26-48-2223
A-41681-A22A501
22
26-48-7225
A-41681-A22C102
23
26-48-1233
A-41681-A23A102
23
26-48-2233
A-41681-A23A501
23
26-48-7235
A-41681-A23C102
24
26-48-1243
A-41681-A24A102
24
26-48-2243
A-41681-A24A501
24
26-48-7245
A-41681-A24C102
13
26-49-6137
A-41681-A13A102-12
12
17
26-49-6177
A-41681-A17A102-2
2
20
26-49-6207
A-41681-A20A102-17
17


Similar Part No. - A41681A13A102

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
A41681A13A197 MOLEX11-A41681A13A197 Datasheet
55Kb / 2P
   KK짰 396 PCB Breakaway Header, , Vertical, Polarizing Wall, 13 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com