Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022287112 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022287112
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 11 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361"), with Kinked PC Tails
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022287112 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022287112 Datasheet HTML 1Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 2Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 3Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 4Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 5Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 6Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 7Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 8Page - Molex Electronics Ltd. 0022287112 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42376-0256
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42376-001
This document was generated on 03/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022287112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022287110 MOLEX3-0022287110 Datasheet
310Kb / 12P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle, 11 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361"), with Kinked PC Tails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com