Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022288110 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0022288110
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 11 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244")
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022288110 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

Back Button 0022288110 Datasheet HTML 2Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 3Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 4Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 5Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 6Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 7Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 8Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 9Page - Molex Electronics Ltd. 0022288110 Datasheet HTML 10Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No:
UCP2009-0952
X1
DATE:
10/31/2008
TITLE:
KK 100 HEADER ASSEMBLY
FLAT RIGHT ANGLE
BREAKAWAY
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 42377-001
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
A-42377-0142 / 0176
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BCA154
PIN LENGTH: L
.565/14.35
MATING LENGTH: M
.244/6.20
GOLD POINT: G
N/A
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43.
TIN: T
OVERALL
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9020 42377-0142
20
22-28-9200 42377-0160
03
22-28-9030 42377-0143
21
22-28-9210 42377-0161
04
22-28-9040 42377-0144
22
22-28-9220 42377-0162
05
22-28-9050 42377-0145
23
22-28-9230 42377-0163
06
22-28-9060 42377-0146
24
22-28-9240 42377-0164
07
22-28-9070 42377-0147
25
22-28-9250 42377-0165
08
22-28-9080 42377-0148
26
22-28-9260 42377-0166
09
22-28-9090 42377-0149
27
22-28-9270 42377-0167
10
22-28-9100 42377-0150
28
22-28-9280 42377-0168
11
22-28-9110 42377-0151
29
22-28-9290 42377-0169
12
22-28-9120 42377-0152
30
22-28-9300 42377-0170
13
22-28-9130 42377-0153
31
22-28-9310 42377-0171
14
22-28-9140 42377-0154
32
22-28-9320 42377-0172
15
22-28-9150 42377-0155
33
22-28-9330 42377-0173
16
22-28-9160 42377-0156
34
22-28-9340 42377-0174
17
22-28-9170 42377-0157
35
22-28-9350 42377-0175
18
22-28-9180 42377-0158
36
22-28-9360 42377-0176
19
22-28-9190 42377-0159
A-42377-0177 / 0211
HEADER NUMBER:
42312-0036
PIN NUMBER:
42663-BXA154
PIN LENGTH: L
.645/16.38
MATING LENGTH: M
.324/8.23
GOLD POINT: G
N/A
PIN HEIGHT: Y
.070/1.78
PC TAIL LENGTH: P
.135/3.43
TIN: T
OVERALL
CKTS:
2-36
KINKS:
PER SMES-42003
REMOVED BACKWALLS:
NONE
VOIDED CKTS:
NONE
PACKAGING:
BULK PK-40873-0041
CKTS
MATERIAL
NUMBER
ENG
NUMBER
CKTS
MATERIAL
NUMBER
ENG
NUMBER
02
22-28-9021
42377-0177
20
22-28-9201 42377-0195
03
22-28-9031
42377-0178
21
22-28-9211 42377-0196
04
22-28-9041
42377-0179
22
22-28-9221 42377-0197
05
22-28-9051
42377-0180
23
22-28-9231 42377-0198
06
22-28-9061
42377-0181
24
22-28-9241 42377-0199
07
22-28-9071
42377-0182
25
22-28-9251 42377-0200
08
22-28-9081
42377-0183
26
22-28-9261 42377-0201
09
22-28-9091
42377-0184
27
22-28-9271 42377-0202
10
22-28-9101
42377-0185
28
22-28-9281 42377-0203
11
22-28-9111
42377-0186
29
22-28-9291 42377-0204
12
22-28-9121
42377-0187
30
22-28-9301 42377-0205
13
22-28-9131
42377-0188
31
22-28-9311 42377-0206
14
22-28-9141
42377-0189
32
22-28-9321 42377-0207
15
22-28-9151
42377-0190
33
22-28-9331 42377-0208
16
22-28-9161
42377-0191
34
22-28-9341 42377-0209
17
22-28-9171
42377-0192
35
22-28-9351 42377-0210
18
22-28-9181
42377-0193
36
22-28-9361 42377-0211
19
22-28-9191
42377-0194


Similar Part No. - 0022288110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022288111 MOLEX3-0022288111 Datasheet
648Kb / 38P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 11 Circuits, Tin (Sn) Plating, Mating Pin Length 8.23mm (.324")
0022288112 MOLEX3-0022288112 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 11 Circuits
0022288113 MOLEX3-0022288113 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 11 Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com