Electronic Components Datasheet Search |
|
0039036060 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0039036060 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0039036060 Status: Active Overview: standard_093 Description: 2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, Panel Mount, 6 Circuits Documents: 3D Model Product Specification PS-3191-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 TUV R72081037 UL E29179 General Product Family Crimp Housings Series 3191 Comments Polarized to Mating Part Overview standard_093 Product Name Standard .093" Physical Breakaway No Circuits (maximum) 6 Circuits Detail 2x3 Color - Resin Natural Flammability 94V-2 Gender Dual Glow-Wire Compliant No Keying to Mating Part None Lock to Mating Part Yes Material - Resin Nylon Number of Rows 2 Packaging Type Bag Panel Mount Yes Pitch - Mating Interface (in) 0.264 In Pitch - Mating Interface (mm) 6.71 mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +105°C Electrical Current - Maximum per Contact 9A Material Info Old Part Number 3191-06P Reference - Drawing Numbers Packaging Specification SPK-3191-001 Product Specification PS-3191-001 Sales Drawing SD-3191-06P-* Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 3191Series Mates With 3191 Pin and Socket Recptacle, 5219 Vertical PCB Header Use With 1189 Crimp Terminals, 1190 Crimp Terminals, 1380 Male Crimp Terminals, 1381 Female Crimp Terminals, 1433 Crimp Terminals, 1434 Male Crimp Terminals, 2605 , 2606 , 1973 , 2151 , 2273 , 2870 , 2871 , 4272 , Lin This document was generated on 05/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0039036060 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |