Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026481071 Datasheet(PDF) 7 Page - Molex Electronics Ltd.

Part # 0026481071
Description  3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, 7 Circuits, Tin (Sn) Plating
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026481071 Datasheet(HTML) 7 Page - Molex Electronics Ltd.

Back Button 0026481071 Datasheet HTML 3Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 4Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 5Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 6Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 7Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 8Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 9Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 10Page - Molex Electronics Ltd. 0026481071 Datasheet HTML 11Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
REV:
ECR/ECN INFORMATION:
SHEET No.
EC No.:
UCP2010-1384
BD1
DATE:
2/10/2010
TITLE:
KK 156 HEADER ASSEMBLY
FLAT BREAKAWAY
2-24 CKTS
- 5 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD- 41661 -001
MKIPPER
SSOUSEK
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
PIN NUMBER
2161-36(102)
PIN NUMBER
2161-7(102)
PIN NUMBER
2161-36(102)
PIN NUMBER
2161-3(501)
PIN LENGTH
30.48/1.200
PIN LENGTH
39.67/1.562
PIN LENGTH
30.48/1.200
PIN LENGTH
23.80/.937
PLATING
102
PLATING
102
PLATING
102
PLATING
501
MATING “M”
22.61/.890
MATING “M”
32.61/1.284
MATING “M”
13.44/.531
MATING “M”
16.18/.637
PCB “P”
4.62/.182
PCB “P”
3.81/.150
PCB “P”
13.74/.541
PCB “P”
4.37/.172
GOLD “G”
N/A
GOLD “G”
N/A
GOLD “G”
N/A
GOLD “G”
OVERALL
TIN “T”
OVERALL
TIN “T”
OVERALL
TIN
“T”
OVERALL
TIN
“T”
N/A
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
PACKAGING
PK-41661-001
STATUS
STATUS
STATUS
STATUS
A-41661-ANM102-*
A-41661-ANN102-*
A-41661-ANR102-*
41661-ANC501-*
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
MATERIAL
ENGINEERING
VOIDS
26-58-4022
-A2M102
41661-0200
-A2N102
26-48-4022
-A2R102
41661-0219
-A2C501
41661-0184
-A3M102
41661-0201
-A3N102
26-48-4032
-A3R102
41661-0220
-A3C501
26-58-4042
-A4M102
41661-0202
-A4N102
26-48-4042
-A4R102
41661-0221
-A4C501
26-58-4052
-A5M102
41661-0203
-A5N102
26-48-4052
-A5R102
41661-0222
-A5C501
41661-0186
-A6M102
26-58-0062
-A6N102
26-48-4062
-A6R102
26-48-5064
-A6C501
26-58-4072
-A7M102
41661-0204
-A7N102
26-48-4072
-A7R102
41661-0223
-A7C501
41661-0187
-A8M102
41661-0205
-A8N102
26-48-4082
-A8R102
41661-0224
-A8C501
26-58-4092
-A9M102
26-58-0092
-A9N102
26-48-4092
-A9R102
41661-0225
-A9C501
26-58-4102
-A10M102
26-58-0102
-A10N102
26-48-4102
-A10R102
26-48-5104
-A10C501
41661-0188
-A11M102
41661-0206
-A11N102
26-48-4112
-A11R102
41661-0226
-A11C501
26-58-4122
-A12M102
41661-0207
-A12N102
26-48-4122
-A12R102
41661-0227
-A12C501
41661-0189
-A13M102
41661-0208
-A13N102
26-48-4132
-A13R102
41661-0228
-A13C501
41661-0190
-A14M102
41661-0209
-A14N102
26-48-4142
-A14R102
41661-0229
-A14C501
26-58-4152
-A15M102
41661-0210
-A15N102
26-48-4152
-A15R102
41661-0230
-A15C501
26-58-4162
-A16M102
41661-0211
-A16N102
26-48-4162
-A16R102
41661-0231
-A16C501
41661-0192
-A17M102
41661-0212
-A17N102
26-48-4172
-A17R102
41661-0232
-A17C501
41661-0193
-A18M102
41661-0213
-A18N102
26-48-4182
-A18R102
41661-0233
-A18C501
41661-0194
-A19M102
41661-0214
-A19N102
26-48-4192
-A19R102
41661-0234
-A19C501
41661-0195
-A20M102
41661-0215
-A20N102
26-48-4202
-A20R102
41661-0235
-A20C501
41661-0196
-A21M102
41661-0216
-A21N102
26-48-4212
-A21R102
41661-0236
-A21C501
41661-0197
-A22M102
41661-0217
-A22N102
26-48-4222
-A22R102
41661-0237
-A22C501
41661-0198
-A23M102
41661-0218
-A23N102
26-48-4232
-A23R102
41661-0238
-A23C501
41661-0199
-A24M102
26-58-0242
-A24N102
26-48-4242
-A24R102
26-48-5244
-A24C501
26-50-4055
-A5R102-4
4


Similar Part No. - 0026481071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026481072 MOLEX3-0026481072 Datasheet
177Kb / 3P
   3.96mm (.156") Pitch KK Header, Breakaway, Right Angle, 7 Circuits, Tin (Sn) Plating
0026481073 MOLEX3-0026481073 Datasheet
169Kb / 6P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Polarizing Wall, 7 Circuits, Tin (Sn) Plating
0026481075 MOLEX3-0026481075 Datasheet
280Kb / 10P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Vertical, Square Pin, with Friction Lock, 7 Circuits, Tin (Sn) Plating
0026481076 MOLEX3-0026481076 Datasheet
382Kb / 12P
   3.96mm (.156") Pitch KK짰 Header, Breakaway, Right Angle, with Friction Lock, 7 Circuits, Tin (Sn) Plating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com