Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9253FS Datasheet(PDF) 2 Page - Rohm

Part # BU9253FS
Description  KARAOKE echo IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9253FS Datasheet(HTML) 2 Page - Rohm

  BU9253FS Datasheet HTML 1Page - Rohm BU9253FS Datasheet HTML 2Page - Rohm BU9253FS Datasheet HTML 3Page - Rohm BU9253FS Datasheet HTML 4Page - Rohm BU9253FS Datasheet HTML 5Page - Rohm BU9253FS Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Multimedia ICs
BU9253AS / BU9253FS / BU9255FS
Pin descriptions
BU9253FS / BU9255FS
BU9253AS
Pin No.
Pin name
Function
1
GND
2
ECHO VR
3
BIAS
4
DAINT IN
5
DAINT OUT
6
DALPF IN
7
DALPF OUT
8
MIX OUT
9
MIX IN
10
ADLPF IN
11
ADLPF OUT
12
ADINT OUT
13
ADINT IN
14
VCC
15
MUTE
16
CR
Analog DC bias
DA integrator input
Echo level DC control
DA integrator output
DA LPF input
DA LPF output
Source sound and echo sound
mixing output
Mixing amplifier source sound input
AD LPF input
AD LPF output
AD integrator output
AD integrator input
Vcc
Mute control
Oscillator output
Ground
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Applied voltage
VCC
7V
Power dissipation
Pd
5001
6002
BU9253FS
BU9253AS
5001
BU9255FS
mW
Operating temperature
Topr
– 10 ~ + 70
°C
Storage temperature
Topr
– 55 ~ + 125
°C
Input voltage
VIN
– 0.3 ~ VCC + 0.3
V
1 Reduced by 5.0mW for each increase in Ta of 1°C over 25°C.
2 Reduced by 6.0mW for each increase in Ta of 1°C over 25°C.
Recommended operating conditions (Ta = 25°C)
Parameter
Power supply voltage
VCC
4.0
5.5
V
5.0
Symbol
Min.
Typ.
Max.
Unit
Pin No.
Pin name
Function
1
GND
2
ECHO VR
3
N.C.
4
BIAS
5
DAINT IN
6
DAINT OUT
7
DALPF IN
8
DALPF OUT
9
MIX OUT
10
MIX IN
11
ADLPF IN
12
ADLPF OUT
13
ADINT OUT
14
ADINT IN
15
VCC
16
17
18
N.C.
MUTE
CR
Ground
Echo level DC control
Internally
Analog DC bias
DA integrator input
DA integrator output
DA LPF input
DA LPF output
Source sound and echo sound
mixing output
Mixing amplifier source sound input
AD LPF input
AD LPF output
AD integrator output
AD integrator input
Vcc
Internally
Mute control
Oscillator output


Similar Part No. - BU9253FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9253FS ROHM-BU9253FS Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9253FS-E2 ROHM-BU9253FS-E2 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
More results

Similar Description - BU9253FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9488FG TOSHIBA-TC9488FG Datasheet
320Kb / 12P
   Digital Echo IC for Karaoke
logo
Rohm
BU9253AS ROHM-BU9253AS_05 Datasheet
942Kb / 17P
   Karaoke/Surround Digital Echo
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
BA7725S ROHM-BA7725S Datasheet
94Kb / 8P
   Analog compander for KARAOKE echo systems
logo
List of Unclassifed Man...
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
   ECHO PROCESSOR IC
logo
Princeton Technology Co...
PT2399 PTC-PT2399_10 Datasheet
320Kb / 9P
   Echo Processor IC
PT2399 PTC-PT2399 Datasheet
81Kb / 5P
   Echo Processor IC
logo
Toshiba Semiconductor
TC9444F TOSHIBA-TC9444F Datasheet
297Kb / 28P
   Single-Chip karaoke IC II
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
PT2396 PTC-PT2396 Datasheet
152Kb / 5P
   Digital Echo/Surround Processor IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com