Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022288125 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0022288125
Description  2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 12 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324")
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0022288125 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0022288125 Datasheet HTML 1Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 2Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 3Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 4Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 5Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 6Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 7Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 8Page - Molex Electronics Ltd. 0022288125 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Electrical
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42377-0327
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42377-001
This document was generated on 03/22/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0022288125

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022288120 MOLEX3-0022288120 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 12 Circuits, Tin (Sn) Plating, Mating Pin Length 6.20mm (.244")
0022288121 MOLEX3-0022288121 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount 2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount
0022288122 MOLEX3-0022288122 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK Header, Breakaway, Right Angle Surface Mount Compatible, 12 Circuits
0022288123 MOLEX3-0022288123 Datasheet
363Kb / 20P
   2.54mm (.100") Pitch KK짰 Header, Breakaway, Right Angle Surface Mount Compatible, 12 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Mating Pin Length 8.23mm (.324")
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com