Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-36-1687 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 50-36-1687
Description  2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing Without Mounting Ears, Positive Lock, 2 Circuits, Glow Wire Compatible
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

50-36-1687 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  50-36-1687 Datasheet HTML 1Page - Molex Electronics Ltd. 50-36-1687 Datasheet HTML 2Page - Molex Electronics Ltd. 50-36-1687 Datasheet HTML 3Page - Molex Electronics Ltd. 50-36-1687 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 50-36-1687

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-36-1681 MOLEX3-50-36-1681 Datasheet
133Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr.??Plug Housing, Dual Row, without Panel Mount Ears, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits, Glow Wire Compatible
50-36-1681 MOLEX11-50-36-1681 Datasheet
37Kb / 2P
   Mini-Fit Jr.??Plug Housing, Dual Row without Panel Mount Ears, PA Polyamide Nylon
50-36-1682 MOLEX3-50-36-1682 Datasheet
136Kb / 3P
   4.20mm (.165") Pitch Mini-Fit Jr. Receptacle Housing, Single Row, PA Polyamide Nylon 6/6, UL 94V-0, 5 Circuits
50-36-1683 MOLEX3-50-36-1683 Datasheet
320Kb / 5P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Dual Row, Vertical, without Snap-in Plastic Peg PCB Lock, without Drain Holes, 8 Circuits, PA Polyamide Nylon 6/6, UL 94V-0, Tin (Sn) Over Nickel (Ni) Plating, Glow Wire Compatible
50-36-1685 MOLEX3-50-36-1685 Datasheet
162Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing, 2 Circuits, Without Mounting Ears, WIth Ramps, Natural, Glow Wire Compatible
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com