Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BU4S81 Datasheet(PDF) 1 Page - Rohm

Part No. BU4S81
Description  Single 2-input AND gate
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

   
 1 page
background image
1
Standard ICs
Single 2-input AND gate
BU4S81
The BU4S81 is an ultra-compact IC with one dual-input positive logic AND gate BU4081B circuit built into an SMP.
Features
1) Low current dissipation.
2) Super-mini mold package designed for surface
mounting.
3) Wide range of operating power supply voltages.
4) Direct drive of 2 L-TTL inputs and 1 LS-TTL input.
Block diagram
54
12
3
VDD
Y
AB
VSS
Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
VDD
VSS – 0.3 ~ VSS + 18
V
170
mW
IIN
± 10
mA
– 40 ~ + 85
°C
Tstg
– 55 ~ + 150
°C
VIN
VSS – 0.3 ~ VDD + 0.3
V
Topr
Pd
Power supply voltage
Power dissipation
Input current
Operating temperature
Storage temperature
Input voltage
1 These values indicate the limits at which voltage can be applied to the terminal without
causing destruction, but operation is not guaranteed at these values.
2 Power dissipation is reduced by 1.7mW for each increase in Ta of 1°C over 25°C.
Recommended operating conditions (Ta = 25°C, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
VDD
3
16
V
VIN
0
VDD
V
Power supply voltage
Input voltage




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVC1G08Single 2-input AND gate 1 2 3 4 5 MoreNXP Semiconductors
74AUC1G08Single 2-input AND gate 1 2 3 4 5 MoreNXP Semiconductors
74V1G08STRSINGLE 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
74LX1G08LOW VOLTAGE CMOS SINGLE 2-INPUT AND GATE WITH 5V TOLERANT INPUT 1 2 3 4 5 MoreSTMicroelectronics
NL17SZ08Single 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor
NL17SV08XV5T2Single 2-Input AND Gate 1 2 3 4 5 MoreNew Japan Radio
74V1G08SINGLE 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
MC74HC1G08Single 2-Input AND Gate 1 2 3 4 5 MoreON Semiconductor
74V1T08SINGLE 2-INPUT AND GATE 1 2 3 4 5 MoreSTMicroelectronics
MC74VHC1G092-Input AND Gate with Open Drain Output 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl