Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4551B Datasheet(PDF) 2 Page - Rohm

Part # BU4551B
Description  Quad 2-channel analog multiplexer / demultiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4551B Datasheet(HTML) 2 Page - Rohm

  BU4551B Datasheet HTML 1Page - Rohm BU4551B Datasheet HTML 2Page - Rohm BU4551B Datasheet HTML 3Page - Rohm BU4551B Datasheet HTML 4Page - Rohm BU4551B Datasheet HTML 5Page - Rohm BU4551B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Standard ICs
BU4551B / BU4551BF / BU4551BFV
Absolute maximum ratings (VSS = 0V, Ta = 25°C)
Parameter
Symbol
Limits
Unit
VDD
V
mW
Topr
°C
Tstg
°C
VIN
– 0.3 ~ VDD + 0.3
V
1000 (DIP), 500 (SOP), 400 (SSOP)
– 40 ~ + 85
– 55 ~ + 150
– 0.3 ~ + 18
Pd
Power supply voltage 2
Power dissipation
Operating temperature
Storage temperature
Input voltage
VDD - VEE
V
– 0.3 ~ + 18
Power supply voltage 1
Electrical characteristics
DC characteristics (unless otherwise noted, Ta = 25°C, VEE = VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
VDD (V)
VIH
3.5
——
V
5
Fig.1
7.0
——
10
11.0
——
15
VIL
——
1.5
V
5
Fig.1
——
3.0
10
——
4.0
15
IIH
——
0.3
µA15
VIH = 15V
Fig.1
IIL
——
– 0.3
µA15
VIL = 0V
VIN = VDD / 2
VI = VDD or GND
Fig.1
RON
——
1100
5
Fig.2
——
500
10
——
280
15
∆RON
25
5
Fig.2
10
10
5
15
IOFF
——
0.3
µA
15
Fig.3
——
– 0.3
15
IDD
——
5
µA
5
——
10
10
——
15
15
Input high-level
voltage
Input low-level
voltage
Input high-level current
Input low-level current
ON resistance
ON resistance
deflexion
OFF-channel
leakage current
Static
current dissipation


Similar Part No. - BU4551B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4551B ROHM-BU4551B Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B ROHM-BU4551B Datasheet
1Mb / 20P
   Quad 2ch Analog Multiplexer/Demultiplexer
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4551B-E2 ROHM-BU4551B-E2 Datasheet
1Mb / 20P
   Quad 2ch Analog Multiplexer/Demultiplexer
More results

Similar Description - BU4551B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14551B ONSEMI-MC14551B Datasheet
115Kb / 12P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
August, 2000 ??Rev. 4
MC14551B ONSEMI-MC14551B_14 Datasheet
134Kb / 9P
   Quad 2-Channel Analog Multiplexer/Demultiplexer
July, 2014 ??Rev. 9
MC14551B ONSEMI-MC14551B_06 Datasheet
120Kb / 10P
   Quad 2?묬hannel Analog Multiplexer/Demultiplexer
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com