Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4528B Datasheet(PDF) 4 Page - Rohm

Part # 4528B
Description  Dual monostable multivibrator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

4528B Datasheet(HTML) 4 Page - Rohm

  4528B Datasheet HTML 1Page - Rohm 4528B Datasheet HTML 2Page - Rohm 4528B Datasheet HTML 3Page - Rohm 4528B Datasheet HTML 4Page - Rohm 4528B Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Standard ICs
BU4528B / BU4528BF
P.G.
P.G.
P.G.
CX
CL
CL
RX
VDD
RESET
A
B
Q
Q
VDD
T2
T1
Fig. 1 Switching time measurement circuit
VSS
Measurement circuits
A
B
RESET
Q
Q
50%
90%
50%
10%
20ns
20ns
50%
50%
50%
50%
50%
50%
50%
20ns
20ns
trr
90%
10%
90%
50%
10%
20ns
20ns
tPLH
tPHL
tPHL
tWOUT
tPLH
tf
tr
tr
tPHL
tf
tPHL
90%
90%
10%
50%
10%
90%
50%
tWOUT
10%
Fig. 2 Switching time waveform


Similar Part No. - 4528B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
4528B NSC-4528B Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
ON Semiconductor
4528B ONSEMI-4528B Datasheet
210Kb / 12P
   Dual Monostable Multivibrator
March, 2000 ??Rev. 3
logo
NXP Semiconductors
4528B PHILIPS-4528B Datasheet
104Kb / 8P
   Dual monostable multivibrator
January 1995
logo
Fairchild Semiconductor
4528B FAIRCHILD-4528B Datasheet
106Kb / 9P
   Dual Monostable Multivibrator
More results

Similar Description - 4528B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
TC74VHC123AF TOSHIBA-TC74VHC123AF_07 Datasheet
318Kb / 15P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com