Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0026033151 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0026033151
Description  3.96mm (.156") Pitch KK짰 Crimp Terminal Housing - Use With Trifurcon짰 Terminals, 15 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

0026033151 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0026033151 Datasheet HTML 1Page - Molex Electronics Ltd. 0026033151 Datasheet HTML 2Page - Molex Electronics Ltd. 0026033151 Datasheet HTML 3Page - Molex Electronics Ltd. 0026033151 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0026033151
Status:
Active
Overview:
kk
Description:
3.96mm (.156") Pitch KK® Crimp Terminal Housing - Use With Trifurcon® Terminals,
15 Circuits
Documents:
3D Model
Product Specification PS-40-02 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Crimp Housings
Series
6442
Overview
kk
Product Name
KK®
Physical
Circuits (maximum)
15
Color - Resin
Natural
Flammability
94V-2
Gender
Female
Glow-Wire Compliant
No
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.156 In
Pitch - Mating Interface (mm)
3.96 mm
Stackable
No
Temperature Range - Operating
0°C to +75°C
Material Info
Old Part Number
6442-15-Z
Reference - Drawing Numbers
Product Specification
PS-40-02
Sales Drawing
SD-6442
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
6442Series
Mates With
Molex 3.96mm (.156") pitch KK® headers
Use With
6838 and 7258 KK® Trifurcon crimp
terminals
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0026033151

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0026033101 MOLEX3-0026033101 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing
0026033111 MOLEX3-0026033111 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing - Use With Trifurcon짰 Terminals, 11 Circuits
0026033121 MOLEX3-0026033121 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 12 Circuits
0026033131 MOLEX3-0026033131 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK Crimp Terminal Housing - Use With Trifurcon Terminals, 13 Circuits
0026033141 MOLEX3-0026033141 Datasheet
424Kb / 4P
   3.96mm (.156") Pitch KK짰 Crimp Terminal Housing - Use With Trifurcon짰 Terminals, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com