Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5569-05A4RM-210 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 5569-05A4RM-210
Description  4.20mm (.165") Pitch Mini-Fit Jr.?
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX3 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5569-05A4RM-210 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  5569-05A4RM-210 Datasheet HTML 1Page - Molex Electronics Ltd. 5569-05A4RM-210 Datasheet HTML 2Page - Molex Electronics Ltd. 5569-05A4RM-210 Datasheet HTML 3Page - Molex Electronics Ltd. 5569-05A4RM-210 Datasheet HTML 4Page - Molex Electronics Ltd. 5569-05A4RM-210 Datasheet HTML 5Page - Molex Electronics Ltd. 5569-05A4RM-210 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Plating min: Mating (µm)
5.08
Plating min: Termination (µin)
200
Plating min: Termination (µm)
5.08
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
13A
Voltage - Maximum
600V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Old Part Number
5569-04A4-210
Reference - Drawing Numbers
Packaging Specification
PK-5569-002
Product Specification
PS-5556-001
Sales Drawing
SDA-5569-NL*
Test Summary
TS-5556-002
This document was generated on 05/11/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5569-05A4RM-210

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5569-05A4 MOLEX3-5569-05A4 Datasheet
898Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock
5569-05A4 MOLEX11-5569-05A4 Datasheet
47Kb / 2P
   Mini-Fit짰 Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6, 94V-2, Tin (Sn) Plating
5569-05A4-210 MOLEX3-5569-05A4-210 Datasheet
898Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6, 94V-0, Tin (Sn) Plating
5569-05A4G MOLEX3-5569-05A4G Datasheet
897Kb / 6P
   4.20mm (.165") Pitch Mini-Fit Jr.??Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6, 94V-2, (30關") (Au) Plating
5569-05A4G MOLEX11-5569-05A4G Datasheet
47Kb / 2P
   Mini-Fit짰 Jr. Header, Single Row, Right Angle, with Snap-in Plastic Peg PCB Lock, 5 Circuits, PA Polyamide Nylon 6/6, 94V-2, (Au) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com