Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4028B Datasheet(PDF) 4 Page - Rohm

Part # BU4028B
Description  BCD-to-decimal decoder
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4028B Datasheet(HTML) 4 Page - Rohm

  BU4028B Datasheet HTML 1Page - Rohm BU4028B Datasheet HTML 2Page - Rohm BU4028B Datasheet HTML 3Page - Rohm BU4028B Datasheet HTML 4Page - Rohm BU4028B Datasheet HTML 5Page - Rohm BU4028B Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Standard ICs
BA4028B
Switching characteristics (Ta = 25°C, CL = 50pF, VSS = 0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement
circuit
tTLH
180
ns
5
Fig.2, 3
90
10
65
15
tTHL
100
ns
5
Fig.2, 3
50
10
40
15
“L” to “H” propagation delay time
tPLH
300
ns
5
Fig.2, 3
130
10
90
15
“H” to “L” propagation delay time
tPHL
300
ns
5
Fig.2, 3
130
10
90
15
Input capacitance
CIN
5
pF
——
VDD (V)
Output rise time
Output fall time


Similar Part No. - BU4028B

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028B-E2 ROHM-BU4028B-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028BF ROHM-BU4028BF Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028BF-E2 ROHM-BU4028BF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
BU4028BFV ROHM-BU4028BFV Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4028B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
   BCD-to-Decimal Decoder
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com