Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3191-4P1 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 3191-4P1
Description  2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 4 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

3191-4P1 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  3191-4P1 Datasheet HTML 1Page - Molex Electronics Ltd. 3191-4P1 Datasheet HTML 2Page - Molex Electronics Ltd. 3191-4P1 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 3191-4P1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3191-4P1 MOLEX11-3191-4P1 Datasheet
42Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-2, without Panel Mount 4 Circuits
3191-4P1-201 MOLEX2-3191-4P1-201 Datasheet
154Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-0, 4 Circuits
3191-4P1-201 MOLEX11-3191-4P1-201 Datasheet
42Kb / 1P
   2.36mm Diameter Standard .093 Pin and Socket Plug Housing with Positive Latch, UL 94V-0, without Panel Mount, 4 Circuits
3191-4P1-A MOLEX2-3191-4P1-A Datasheet
154Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-0, 4 Circuits
More results

Similar Description - 3191-4P1

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0019092029 MOLEX2-0019092029 Datasheet
119Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 2 Circuits
0039036032 MOLEX3-0039036032 Datasheet
90Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 3 Circuits
0019092026 MOLEX2-0019092026 Datasheet
119Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-0, 2 Circuits
0019092039 MOLEX2-0019092039 Datasheet
191Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 3 Circuits
0019092099 MOLEX2-0019092099 Datasheet
126Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 9 Circuits
0039036062 MOLEX3-0039036062 Datasheet
89Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 6 Circuits
0019092129 MOLEX2-0019092129 Datasheet
38Kb / 1P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 12 Circuits
0019092069 MOLEX2-0019092069 Datasheet
122Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-2, 6 Circuits
0019092046 MOLEX2-0019092046 Datasheet
154Kb / 3P
   2.36mm (.093) Diameter Standard .093 Pin and Socket Plug Housing With Positive Latch, UL 94V-0, 4 Circuits
0039036044 MOLEX3-0039036044 Datasheet
93Kb / 3P
   2.36mm (.093") Diameter Standard .093" Pin and Socket Receptacle Housing With Positive Latch, UL 94V-2, 4 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com