Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU2190F Datasheet(PDF) 4 Page - Rohm

Part # BU2190F
Description  Clock generator for PD
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU2190F Datasheet(HTML) 4 Page - Rohm

  BU2190F Datasheet HTML 1Page - Rohm BU2190F Datasheet HTML 2Page - Rohm BU2190F Datasheet HTML 3Page - Rohm BU2190F Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Multimedia ICs
BU2190F
Application example
40.2192MHz
fref = 16.9344MHz
CLK2
GND
XTALI
XTALO
OE
VDD
CLK1
BCLK
0.1
µF
59.2704MHz
16.9344MHz
This IC should be used mounted to a PC board.
If used mounted by a socket, the proper characteristics may not be able to be obtained.
Attached components
(1) Crystal oscillator
A crystal resonator with an oscillation frequency of 16.9344MHz is usually sufficient. However, if fO precision is
necessary, adjust by attaching a capacity to each end of the crystal oscillator.
(2) Power supply
VDD bypass capacitor
SOP8
0.4
± 0.1
1.27
0.15
0.3Min.
5.0
± 0.2
85
4
1
External dimensions (Units: mm)


Similar Part No. - BU2190F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
More results

Similar Description - BU2190F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD151TS301RP HITACHI-HD151TS301RP Datasheet
60Kb / 8P
   Clock Generator for Printer
logo
Rohm
BU2279F ROHM-BU2279F Datasheet
48Kb / 2P
   Clock generator for PC
logo
List of Unclassifed Man...
BU2362FV ETC1-BU2362FV Datasheet
57Kb / 2P
   Clock generator for DVD
logo
Rohm
BU2192F ROHM-BU2192F Datasheet
42Kb / 4P
   Clock generator for personal
logo
Silicon Laboratories
SL28647 SILABS-SL28647 Datasheet
275Kb / 27P
   Clock Generator for Intel짰CK505
logo
Nippon Precision Circui...
SM8703AV NPC-SM8703AV Datasheet
106Kb / 12P
   Clock Generator for MPEG2 System
SM8703CV NPC-SM8703CV Datasheet
98Kb / 12P
   Clock Generator for DVD Players
logo
SpectraLinear Inc
CY28331 SPECTRALINEAR-CY28331 Datasheet
178Kb / 16P
   Clock Generator for AMD??Hammer
logo
Integrated Device Techn...
8413S12I-100 IDT-8413S12I-100_16 Datasheet
915Kb / 33P
   Clock Generator for Cavium Processors
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com