Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24E16FV Datasheet(PDF) 2 Page - Rohm

Part # BR24E16FV
Description  I2C BUS compatible serial EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24E16FV Datasheet(HTML) 2 Page - Rohm

  BR24E16FV Datasheet HTML 1Page - Rohm BR24E16FV Datasheet HTML 2Page - Rohm BR24E16FV Datasheet HTML 3Page - Rohm BR24E16FV Datasheet HTML 4Page - Rohm BR24E16FV Datasheet HTML 5Page - Rohm BR24E16FV Datasheet HTML 6Page - Rohm BR24E16FV Datasheet HTML 7Page - Rohm BR24E16FV Datasheet HTML 8Page - Rohm BR24E16FV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
BR24C08 / BR24C08F / BR24C08FJ / BR24C08FV / BR24C16/ BR24C16F /
Memory Ics
BR24C16FJ / BR24C16FV / BR24E16 / BR24E16F / BR24E16FJ / BR24E16FV
Block diagram
BR24C08 / F / FJ / FV
8kbits EEPROM ARRAY
CONTROL LOGIC
HIGH VOLTAGE GEN.
ACK
START
STOP
10bits
10bits
8bits
DATA
REGISTER
ADDRESS
DECODER
A0
A1
A2
1
2
3
4
GND
WP
SCL
SDA
8
7
6
5
VCC
VCC LEVEL DETECT
ADDRESS REGISTER
SLAVE WORD
·
Function
Slave address set
Serial clock input
serial data input, serial data output
Wite protect pin
Power supply
Pin name
A0, A1
A2
SCL
SDA
WP
VCC
GND
I / O
I / O
I
I
I
Ground (0V)
Out of use. Please connect to GND.
Slave and word address,
∗An open drain output requires a pull-up resistor.
BR24C16 / F / FJ / FV
16kbits EEPROM ARRAY
CONTROL LOGIC
HIGH VOLTAGE GEN.
ACK
START
STOP
11bits
8bits
DATA
REGISTER
ADDRESS
DECODER
A0
A1
A2
1
2
3
4
GND
WP
SCL
SDA
8
7
6
5
VCC
VCC LEVEL DETECT
ADDRESS REGISTER
SLAVE WORD
·
11bits
A0, A1, A2
SCL
SDA
WP
VCC
GND
I / O
I / O
I
I
I
Function
Pin name
∗An open drain output requires a pull-up resistor.
Serial clock input
serial data input, serial data output
Wite protect pin
Power supply
Ground (0V)
Out of use. Please connect to GND.
Slave and word address,
BR24E16 / F / FJ / FV
16kbits EEPROM ARRAY
CONTROL LOGIC
HIGH VOLTAGE GEN.
ACK
START
STOP
11bits
8bits
DATA
REGISTER
ADDRESS
DECODER
A0
A1
A2
1
2
3
4
GND
WP
SCL
SDA
8
7
6
5
VCC
VCC LEVEL DETECT
ADDRESS REGISTER
SLAVE WORD
·
11bits
A0, A1, A2
SCL
SDA
WP
VCC
GND
I / O
I / O
I
I
I
Function
Pin name
∗An open drain output requires a pull-up resistor.
Serial clock input
serial data input, serial data output
Wite protect pin
Power supply
Ground (0V)
Slave and word address,
Slave address set


Similar Part No. - BR24E16FV

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BR24 PANJIT-BR24 Datasheet
89Kb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
BR24 TAYCHIPST-BR24 Datasheet
1Mb / 2P
   MINI SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Luguang Electr...
BR24 LUGUANG-BR24 Datasheet
577Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Arch Electronics Corp.
BR240 ARCH-BR240 Datasheet
274Kb / 3P
   Over Current Protection (Hiccup Mode)
BR240-12S ARCH-BR240-12S Datasheet
274Kb / 3P
   Input under Voltage Protection
More results

Similar Description - BR24E16FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-W ROHM-BR24C01A-W Datasheet
341Kb / 13P
   I2C BUS compatible serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com