Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93LC46RFJ-W Datasheet(PDF) 6 Page - Rohm

Part # BR93LC46RFJ-W
Description  64횞16bits serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93LC46RFJ-W Datasheet(HTML) 6 Page - Rohm

Back Button BR93LC46RFJ-W Datasheet HTML 2Page - Rohm BR93LC46RFJ-W Datasheet HTML 3Page - Rohm BR93LC46RFJ-W Datasheet HTML 4Page - Rohm BR93LC46RFJ-W Datasheet HTML 5Page - Rohm BR93LC46RFJ-W Datasheet HTML 6Page - Rohm BR93LC46RFJ-W Datasheet HTML 7Page - Rohm BR93LC46RFJ-W Datasheet HTML 8Page - Rohm BR93LC46RFJ-W Datasheet HTML 9Page - Rohm BR93LC46RFJ-W Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BR93LC46-W / BR93LC46F-W / BR93LC46RF-W /
Memory ICs
BR93LC46FJ-W / BR93LC46RFJ-W / BR93LC46FV-W
(3) Timing chart
CS
SK
DI
DO (READ)
DO (WRITE)
STATUS VALID
tDF
tDF
tPD1
tPD0
tDIH
tDIS
tCSS
tCSH
tSKH
tSKL
Fig.9 Synchronized data timing
· Data is acquired from DI in synchronization with the SK rise.
· During a reading operation, data is output from DO in synchronization with the SK rise.
· After the completion of each mode, make sure that CS is set to LOW, to reset the internal circuit, before changing modes.
· During a writing operation, a Status Valid (READY or BUSY) is valid from the time CS is HIGH until time tCS after CS falls following the input of
a write command and before the output of the next command start bit. Also, DO must be in a HIGH-Z state when CS is LOW.
(4) Reading (Fig.10)
When the read command is acknowledged, the data (16 bits) for the input address is output serially. The data is
synchronized with the SK rise during A0 acquisition and a “0” (dummy bit) is output. All further data is output in
synchronization with the SK pulse rises.
CS
SK
DI
DO
(
1)
(
2)
D14
D15
D1
D14
D15
0
High Z
11
0
A5
A4
A1
A0
1
2
4
9
10
25
26
D0
(
2) Address auto increment function: These ICs are equipped with an address auto increment function which is effective only during reading operations. With
this function, if the SK clock is input following execution of one of the above reading commands, data is read from upper addresses in succession.
CS is held in HIGH state during automatic incrementing.
(
1) If the first data input following the rise of the start bit CS is "1", the start bit is acknowledged. Also, if a "1" is input following several zeroes in succession, the
"1" is recognized as the start bit, and subsequent operation commences. This applies also to all commands described subsequently.
Fig.10 Read cycle timing (READ)


Similar Part No. - BR93LC46RFJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC46RF ROHM-BR93LC46RF Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results

Similar Description - BR93LC46RFJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
   Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
   Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
   Serial EEPROM
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com