Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR93LC46FJ-W Datasheet(PDF) 9 Page - Rohm

Part # BR93LC46FJ-W
Description  64횞16bits serial EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR93LC46FJ-W Datasheet(HTML) 9 Page - Rohm

Back Button BR93LC46FJ-W Datasheet HTML 3Page - Rohm BR93LC46FJ-W Datasheet HTML 4Page - Rohm BR93LC46FJ-W Datasheet HTML 5Page - Rohm BR93LC46FJ-W Datasheet HTML 6Page - Rohm BR93LC46FJ-W Datasheet HTML 7Page - Rohm BR93LC46FJ-W Datasheet HTML 8Page - Rohm BR93LC46FJ-W Datasheet HTML 9Page - Rohm BR93LC46FJ-W Datasheet HTML 10Page - Rohm BR93LC46FJ-W Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BR93LC46-W / BR93LC46F-W / BR93LC46RF-W /
Memory ICs
BR93LC46FJ-W / BR93LC46RFJ-W / BR93LC46FV-W
(2) Timing in the standby mode
As shown in Fig.16, during standby, if CS rises when SK is HIGH, the DI state may be read on the rising edge. If this
happens, and DI is HIGH, this is taken to be the start bit, causing a bit error (see point “a” in Fig.16).
Make sure all inputs are LOW during standby or when turning the power supply on or off (see Fig.17).
SK
CS
DI
ab
01
Point a: Start bit position during erroneous operation
Point b: Timing during normal operation
Fig. 16 Erroneous operation timing
SK
CS
DI
01
b
Fig. 17 Normal operation timing
(3) Precautions when turning power on and off
When turning the power supply on and off, make sure CS is set to LOW (see Fig.18).
When CS is HIGH, the EEPROM enters the active state. To avoid this, make sure CS is set to LOW (disable mode)
when turning on the power supply. (When CS is LOW, all input is cancelled.)
When the power supply is turned off, the low power state can continue for a long time because of the capacity of the
power supply line. Erroneous operations and erroneous writing can occur at such times for the same reasons as
described above. To avoid this, make sure CS is set to LOW before turning off the power supply.
To prevent erroneous writing, these ICs are equipped with a POR (Power On Reset) circuit, but in order to achieve
operation at a low power supply, VCC is set to operate at approximately 1.3V. After the POR has been activated,
writing is disabled, but if CS is set to HIGH, writing may be enabled because of noise or other factors. However, the
POR circuit is effective only when the power supply is on, and will not operate when the power is off.
Also, to prevent erroneous writing at low voltages, these ICs are equipped with a built-in circuit (VCC-lockout circuit)
which resets the write command if VCC drops to approximately 2V or lower (typ.) (
∗).
Good example
Bad example
GND
+ 5V
GND
+ 5V
VCC
CS
Fig. 18
Here, the CS pin is pulled up to VCC. In this case,
CS is HIGH (active state). Please be aware that the EEPROM may
perform erroneous operations or write erroneous data because of
noise or other factors. Please be aware that this can occur even if
the CS input is HIGH-Z.
In this case, CS is LOW when the power supply is turned
on or off.
(Bad example)
(Good example)
(4) Clock (SK) rise conditions
If the clock pin (SK) signal of the BR93LC46-W has a long rise time (tr) and if noise on the signal line exceeds a
certain level, erroneous operation can occur due to erroneous counts in the clock. To prevent this, a Schmitt trigger is
built into the SK input of the BR93LC46-W. The hysteresis amplitude of this circuit is set to approximately 0.2V, so if
the noise exceeds the SK input, the noise amplitude should be set to 0.2VP-P or lower. Furthermore, rises and falls in
the clock input should be accelerated as much as possible.


Similar Part No. - BR93LC46FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93LC46F ROHM-BR93LC46F Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
BR93LC46FV ROHM-BR93LC46FV Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results

Similar Description - BR93LC46FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR93H56RF-2LB ROHM-BR93H56RF-2LB Datasheet
927Kb / 28P
   Serial EEPROM Series Industrial EEPROM Serial EEPROM Series Industrial EEPROM
logo
ARTSCHIP ELECTRONICS CO...
24LC08B ARTSCHIP-24LC08B Datasheet
207Kb / 19P
   Serial EEPROM
24LC16B ARTSCHIP-24LC16B Datasheet
486Kb / 19P
   Serial EEPROM
logo
Catalyst Semiconductor
CAT24WC08W CATALYST-CAT24WC08W Datasheet
2Mb / 14P
   Serial EEPROM
logo
Rohm
BR24G256-3 ROHM-BR24G256-3 Datasheet
490Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25G512-3 ROHM-BR25G512-3 Datasheet
833Kb / 33P
   Serial EEPROM Series Standard EEPROM
BR25H640-2C ROHM-BR25H640-2C Datasheet
952Kb / 34P
   Serial EEPROM Series Automotive EEPROM
BR24G01-3A ROHM-BR24G01-3A Datasheet
846Kb / 36P
   Serial EEPROM series Standard EEPROM
BR93G46-3A ROHM-BR93G46-3A Datasheet
943Kb / 39P
   Serial EEPROM series Standard EEPROM
BR25H040-2C ROHM-BR25H040-2C Datasheet
1Mb / 35P
   Serial EEPROM Series Automotive EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com