Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR9010F Datasheet(PDF) 4 Page - Rohm

Part # BR9010F
Description  1, 2, and 4k bit EEPROMs for direct connection to serial ports
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR9010F Datasheet(HTML) 4 Page - Rohm

  BR9010F Datasheet HTML 1Page - Rohm BR9010F Datasheet HTML 2Page - Rohm BR9010F Datasheet HTML 3Page - Rohm BR9010F Datasheet HTML 4Page - Rohm BR9010F Datasheet HTML 5Page - Rohm BR9010F Datasheet HTML 6Page - Rohm BR9010F Datasheet HTML 7Page - Rohm BR9010F Datasheet HTML 8Page - Rohm BR9010F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Memory ICs
BR9010 / BR9010F / BR9010FV / BR9020 / BR9020F /
BR9040 / BR9040F
Electrical characteristics
BR9010 / F / FV: At 5V (unless otherwise noted, Ta = – 40 to + 85°C, VCC = 5V ± 10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input low level voltage 1
Input high level voltage 1
Input low level voltage 2
Input high level voltage 2
Output low level voltage
Output high level voltage
Input leak current
Output leak current
Consumption current
during operation
Standby current
SK frequency
VIL1
VIH1
VIL2
VIH2
VOL
VOH
ILI
ILO
ICC1
ICC2
ISB
fSK
0.7
×
VCC
0.8
×
VCC
0
VCC
0.4
0.3
×
VCC
0.2
×
VCC
0.4
VCC
1
1
2
1
3
1
V
V
V
V
V
V
µA
µA
mA
mA
µA
MHz
DI Pin
DI Pin
CS, SK, WC Pin
CS, SK, WC Pin
IOL = 2.1mA
IOH = – 0.4mA
VIN = 0V ~ VCC
VOUT = 0V ~ VCC CS = VCC
f = 1MHz tE / W = 10ms (WRITE)
f = 1MHz (READ)
CS, SK, DI, WC, = VCC DO = OPEN
– 1
– 1
BR9010 / F / FV: At 3V (unless otherwise noted, Ta = – 40 to + 85°C, VCC = 3V ± 10%)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Input low level voltage 1
Input high level voltage 1
Input low level voltage 2
Input high level voltage 2
Output low level voltage
Output high level voltage
Input leak current
Output leak current
Standby current
SK frequency
VIL1
VIH1
VIL2
VIH2
VOL
VOH
ILI
ILO
ICC1
ICC2
ISB
fSK
0.7
×
VCC
0.8
×
VCC
0
VCC
0.4
0.3
×
VCC
0.2
×
VCC
0.4
VCC
1
1
1.5
500
2
1
V
V
V
V
V
V
µA
µA
mA
µA
µA
MHz
DI Pin
DI Pin
CS, SK, WC Pin
CS, SK, WC Pin
IOL = 100
µA
IOH = – 100
µA
VIN = 0 ~ VCC
VOUT = 0 ~ VCC CS = VCC
f = 1MHz tE / W = 15ms (WRITE)
f = 1MHz (READ)
CS, SK, DI, WC, = VCC DO = OPEN
Not designed for radiation resistance
–1
–1
Consumption current
during operation


Similar Part No. - BR9010F

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9010F-W ROHM-BR9010F-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9010FV-W ROHM-BR9010FV-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
More results

Similar Description - BR9010F

ManufacturerPart #DatasheetDescription
logo
Rohm
BR9010-W ROHM-BR9010-W Datasheet
277Kb / 15P
   1k, 2k, 4k, bit EEPROMs for direct connection to serial ports
Rev.A
BR9080AF-W ROHM-BR9080AF-W Datasheet
178Kb / 13P
   8k, 16k bit EEPROMs for direct connection to serial ports
BR9080 ROHM-BR9080 Datasheet
121Kb / 11P
   8k, 16k bit EEPROMs for direct connection to serial ports
logo
Microchip Technology
24LC04B MICROCHIP-24LC04B Datasheet
88Kb / 12P
   4K/8K 2.5V I 2 C Serial EEPROMs
2007
logo
WIZnet Co., Ltd
WIZ140SR WIZNET-WIZ140SR Datasheet
2Mb / 13P
   Direct Connection to Serial Devices
logo
Integral Corp.
IN24LC04 INTEGRAL-IN24LC04 Datasheet
246Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
logo
Cystech Electonics Corp...
CTK24BC01-16Q8 CYSTEKEC-CTK24BC01-16Q8 Datasheet
376Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
logo
KODENSHI_AUK CORP.
KK24LC04 KODENSHI-KK24LC04 Datasheet
223Kb / 10P
   4K/8K 2.5V CMOS Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com