Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24C01AFJ-W Datasheet(PDF) 6 Page - Rohm

Part # BR24C01AFJ-W
Description  I2C BUS compatible serial EEPROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24C01AFJ-W Datasheet(HTML) 6 Page - Rohm

Back Button BR24C01AFJ-W Datasheet HTML 2Page - Rohm BR24C01AFJ-W Datasheet HTML 3Page - Rohm BR24C01AFJ-W Datasheet HTML 4Page - Rohm BR24C01AFJ-W Datasheet HTML 5Page - Rohm BR24C01AFJ-W Datasheet HTML 6Page - Rohm BR24C01AFJ-W Datasheet HTML 7Page - Rohm BR24C01AFJ-W Datasheet HTML 8Page - Rohm BR24C01AFJ-W Datasheet HTML 9Page - Rohm BR24C01AFJ-W Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BR24C01A-W / BR24C01AF-W / BR24C01AFJ-W / BR24C01AFV-W / BR24C02-W / BR24C02F-W /
Memory ICs
BR24C02FJ-W / BR24C02FV-W / BR24C04-W / BR24C04F-W / BR24C04FJ-W / BR24C04FV-W
When data is being read from the IC, eight bits of data (read data) are output and the IC waits for a returned LOW
acknowledge signal (ACK signal). When an acknowledge signal (ACK signal) is detected and a stop condition is not
sent from the master (
µ-COM) side, the IC continues to output data. If an acknowledge signal (ACK signal) is not
detected, the IC interrupts the data transfer and ceases reading operations after recognizing the stop condition (stop
bit). The IC then enters the waiting or standby state.
(See Fig.3 for acknowledge signal (ACK signal) response.)
1
8
9
SCL
SDA
SDA
Start condition (start bit)
Acknowledge signal (ACK signal)
(from
µ-COM)
(
µ-COM output data)
(IC output data)
Fig.3 Acknowledge (ACK signal) response
(during write and read slave address input)
(7) Byte write cycle
BR24C01A-W / AF-W / AFJ-W / AFV-W
1
0
1
0 A2 A1 A0
D7
D0
S
T
O
P
DATA
A
C
K
A
C
K
A
C
K
WORD
ADDRESS
R
/
W
W
R
I
T
E
SLAVE
ADDRESS
S
T
A
R
T
SDA
LINE
WP
Fig.4
WA
6
WA
0


Similar Part No. - BR24C01AFJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C01A-10SU-1.8 ROHM-BR24C01A-10SU-1.8 Datasheet
309Kb / 6P
   Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24C01A-10SU-1.8 ROHM-BR24C01A-10SU-1.8 Datasheet
601Kb / 5P
   Silcon Monolithic Integrated Circuit
BR24C01A-10SU-1.8 ROHM-BR24C01A-10SU-1.8_11 Datasheet
601Kb / 5P
   Silcon Monolithic Integrated Circuit
BR24C01A-10SU-2.7 ROHM-BR24C01A-10SU-2.7 Datasheet
294Kb / 6P
   Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
BR24C01A-10SU-2.7 ROHM-BR24C01A-10SU-2.7 Datasheet
573Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BR24C01AFJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24C08 ROHM-BR24C08 Datasheet
298Kb / 12P
   I2C BUS compatible serial EEPROM
logo
ACE Technology Co., LTD...
ACE24CP02C ACE-ACE24CP02C Datasheet
503Kb / 12P
   I2C-Compatible Serial EEPROM
VER 1.1
logo
ATMEL Corporation
AT24C04C-PUM ATMEL-AT24C04C-PUM Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C512C ATMEL-AT24C512C Datasheet
928Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS01 ATMEL-AT24CS01 Datasheet
844Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24CS04 ATMEL-AT24CS04 Datasheet
844Kb / 24P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C08C-SSHM-B ATMEL-AT24C08C-SSHM-B Datasheet
831Kb / 24P
   I2C-Compatible, (2-wire) Serial EEPROM
AT24C128C-SSHM-B ATMEL-AT24C128C-SSHM-B Datasheet
968Kb / 22P
   I2C-Compatible (2-Wire) Serial EEPROM
AT24C01C ATMEL-AT24C01C Datasheet
960Kb / 23P
   I2C-Compatible (2-wire) Serial EEPROM
AT24C16C-PUM ATMEL-AT24C16C-PUM Datasheet
998Kb / 23P
   I2C-Compatible, (2-Wire) Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com