Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-03-2061 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 22-03-2061
Description  2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 6 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

22-03-2061 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  22-03-2061 Datasheet HTML 1Page - Molex Electronics Ltd. 22-03-2061 Datasheet HTML 2Page - Molex Electronics Ltd. 22-03-2061 Datasheet HTML 3Page - Molex Electronics Ltd. 22-03-2061 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


Similar Part No. - 22-03-2061

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22-03-2061 ETC1-22-03-2061 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
MolexKits
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
22-03-2061 MOLEXKITS-22-03-2061 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,6 Circuit
More results

Similar Description - 22-03-2061

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-03-2061 MOLEX11-22-03-2061 Datasheet
54Kb / 3P
   2.54mm Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 6 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032221 MOLEX2-0022032221 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 22 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032151 MOLEX2-0022032151 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 15 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032141 MOLEX2-0022032141 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 14 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032021 MOLEX2-0022032021 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032231 MOLEX2-0022032231 Datasheet
394Kb / 5P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 23 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032131 MOLEX2-0022032131 Datasheet
394Kb / 5P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 13 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032261 MOLEX2-0022032261 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 26 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032101 MOLEX2-0022032101 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 10 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
0022032191 MOLEX2-0022032191 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 19 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com