Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022031122 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0022031122
Description  2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022031122 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0022031122 Datasheet HTML 1Page - Molex Electronics Ltd. 0022031122 Datasheet HTML 2Page - Molex Electronics Ltd. 0022031122 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 0022031122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022031121 MOLEX2-0022031121 Datasheet
179Kb / 4P
   2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295) Mating Pin Length, 12 Circuits
More results

Similar Description - 0022031122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022031042 MOLEX2-0022031042 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 4 Circuits
0022031092 MOLEX2-0022031092 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 9 Circuits
0022031082 MOLEX2-0022031082 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 8 Circuits
0022031152 MOLEX2-0022031152 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437") Mating Pin Length, 15 Circuits
0022031142 MOLEX2-0022031142 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 14 Circuits
0022031052 MOLEX2-0022031052 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 5 Circuits
0022031132 MOLEX2-0022031132 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 13 Circuits
0022031102 MOLEX2-0022031102 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 10 Circuits
0022031062 MOLEX2-0022031062 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 6 Circuits
0022031112 MOLEX2-0022031112 Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437) Mating Pin Length, 11 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com