Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7760KV Datasheet(PDF) 1 Page - Rohm

Part # BH7760KV
Description  Analog signal I / O interface for portable audio applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7760KV Datasheet(HTML) 1 Page - Rohm

  BH7760KV Datasheet HTML 1Page - Rohm BH7760KV Datasheet HTML 2Page - Rohm BH7760KV Datasheet HTML 3Page - Rohm BH7760KV Datasheet HTML 4Page - Rohm BH7760KV Datasheet HTML 5Page - Rohm BH7760KV Datasheet HTML 6Page - Rohm BH7760KV Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Multimedia ICs
Analog signal I / O interface for
portable audio applications
BH7760KV
The BH7760KV contains the complete audio I / O analog block on a single-chip IC. Therefore, all necessary func-
tions for a DVC audio analog I / O interface are provided on one chip.
Applications
Portable audio applications
Features
1) Contains the input amplifier, wind noise deletion fil-
ter, ALC, 30kHz LPF, line amplifier, stereo head-
phone amplifier, and BTL monaural speaker amplifi-
er required to configure a analog signal I / O inter-
face (audio I / O) all on one chip.
2) With the internal 3-line serial control decoder circuit,
serial control enables the setting of the various
modes for the IC.
Absolute maximum ratings (Ta = 25°C)
Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Applied voltage
Power dissipation
Operating temperature
Storage temperature
VCC
Pd
Topr
Tstg
+ 7.0
– 10 ~ + 70
– 55 ~ + 125
V
mW
°C
°C
Reduced by 9.0mW for each increase in Ta of 1°C over 25°C with the IC unmounted.
When mounted on a 70mm × 70mm × 1.6mm glass epoxy board.
900
Parameter
Symbol
Limits
Unit
Power supply voltage (analog system)
Power supply voltage (for SP)
Power supply voltage (digital system)
AVcc
SPVcc
DVcc
+ 4.0 ~ + 6.0
+ 4.0 ~ + 6.0
+ 2.7 ~ + 3.3
V
V
V
Not designed for radiation resistance.


Similar Part No. - BH7760KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7760KV ROHM-BH7760KV Datasheet
92Kb / 7P
   Analog signal I / O interface for portable audio applications
More results

Similar Description - BH7760KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7760KV ROHM-BH7760KV Datasheet
92Kb / 7P
   Analog signal I / O interface for portable audio applications
logo
SMSC Corporation
37C957FR SMSC-37C957FR Datasheet
1Mb / 328P
   ULTRA I/O CONTROLLER FOR PORTABLE APPLICATIONS
logo
Sanyo Semicon Device
LA7477W SANYO-LA7477W Datasheet
135Kb / 12P
   For Digital Video Camera Audio Signal I/O Interface IC
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3822FS ROHM-BD3822FS Datasheet
199Kb / 6P
   Audio I/O interface for DVD recorder
BD3823FV ROHM-BD3823FV Datasheet
184Kb / 6P
   Audio I/O interface for DVD recorder
logo
Sanyo Semicon Device
LA74320FN SANYO-LA74320FN Datasheet
191Kb / 14P
   Audio I/O Interface for Cell Phone
logo
Rohm
BD3825FS ROHM-BD3825FS_05 Datasheet
427Kb / 9P
   PAL Audio I/O Interface
BD3823FV ROHM-BD3823FV_05 Datasheet
524Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording
BD3822FS ROHM-BD3822FS_05 Datasheet
501Kb / 9P
   NTSC-PAL Audio I/O Interface for Recording/Playing
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com