Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH7240 Datasheet(PDF) 1 Page - Rohm

Part # BH7240
Description  Color TV signal encoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH7240 Datasheet(HTML) 1 Page - Rohm

  BH7240 Datasheet HTML 1Page - Rohm BH7240 Datasheet HTML 2Page - Rohm BH7240 Datasheet HTML 3Page - Rohm BH7240 Datasheet HTML 4Page - Rohm BH7240 Datasheet HTML 5Page - Rohm BH7240 Datasheet HTML 6Page - Rohm BH7240 Datasheet HTML 7Page - Rohm BH7240 Datasheet HTML 8Page - Rohm BH7240 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Multimedia ICs
Color TV signal encoder
BH7240AKV
The BH7240AKV is an IC that converts digital RGB signals (8-bit) to NTSC and PAL color TV signals. In addition to
composite output, luminance output, chrominance output, and analog RGB output are available. Each type of output
is equipped with an internal 75
Ω driver.
Applications
TV peripheral devices
Block diagram
36
35
34
33
32
31
30
29
28
27
26
25
1234
56
789
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
RDATA0
RDATA1
RDATA2
RDATA3
DVDD
RDATA4
RDATA5
RDATA6
RDATA7
SCIN
SYNCIN
NT / PAL
37
38
39
40
41
42
43
44
45
46
47
48
BDATA3
BDATA2
BDATA1
BDATA0
VCLK
DGND
VREFOUT
N.C.
AGND1
RCLAMP
VCC1
GCLAMP
DECODER
LATCH
CLAMP
CLAMP
MATRIX
LPF
BPF
6dB
6dB
6dB
6dB
75
GND
VCC
VCC
GND
GND
CLK
75
75
75
75
75
YTRAP
Y / C
MIX
Burst
Flag
GEN.
CLAMP
VREF
CELL
MATRIX
CELL
MATRIX
CELL
MATRIX
DECODER
DECODER
CLK
LATCH
CLK
LATCH
CLK
SYNC
CHROMA
GEN.
SYNC
ADD.
VCC
SYNC
8
8
8
R-Y
B-Y
Y
R
G
B
SYNC
Features
1) Supports both NTSC and PAL.
2) Internal RGB3-channel DAC (internal regulator).
3) Internal burst timing generator circuit.
4) Y / C separation output pin.
5) Analog RGB signal output pin.
3) Internal 75
Ω driver.


Similar Part No. - BH7240

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7240AKV ROHM-BH7240AKV Datasheet
297Kb / 6P
   Color TV signal encoder
BH7240AKV ROHM-BH7240AKV_1 Datasheet
297Kb / 6P
   Color TV signal encoder
More results

Similar Description - BH7240

ManufacturerPart #DatasheetDescription
logo
Rohm
BH7236AF ROHM-BH7236AF_1 Datasheet
269Kb / 6P
   Color TV signal encoder
BA7232FS ROHM-BA7232FS Datasheet
74Kb / 6P
   Color TV Signal Encoder
BH7236AF ROHM-BH7236AF Datasheet
71Kb / 6P
   Color TV Signal Encoder
BA7242F ROHM-BA7242F Datasheet
61Kb / 5P
   Color TV signal encoder
BH7240AKV ROHM-BH7240AKV_1 Datasheet
297Kb / 6P
   Color TV signal encoder
BA7230LS ROHM-BA7230LS Datasheet
138Kb / 8P
   NTSC color TV signal encoder
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
New Japan Radio
NJW1300A NJRC-NJW1300A Datasheet
578Kb / 13P
   SIGNAL PROCESSOR FOR COLOR TV
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Panasonic Semiconductor
AN5415 PANASONIC-AN5415 Datasheet
158Kb / 3P
   Color TV Deflection Signal Processing Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com