Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH3866AS Datasheet(PDF) 6 Page - Rohm

Part # BH3866AS
Description  Dual-line serial control sound processor IC
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH3866AS Datasheet(HTML) 6 Page - Rohm

Back Button BH3866AS Datasheet HTML 2Page - Rohm BH3866AS Datasheet HTML 3Page - Rohm BH3866AS Datasheet HTML 4Page - Rohm BH3866AS Datasheet HTML 5Page - Rohm BH3866AS Datasheet HTML 6Page - Rohm BH3866AS Datasheet HTML 7Page - Rohm BH3866AS Datasheet HTML 8Page - Rohm BH3866AS Datasheet HTML 9Page - Rohm BH3866AS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
Video ICs
BH3866AS
VCC
GND
Pin No.
SCL pin for the I2C BUS.
This is the clock pin.
15
I
SCL
Pin name
I / O
Zin
Pin voltage
Equivalent circuit
Function
50k
1
2 V
CC
17
0 / 5
O
DAC
VCC
GND
200
100k
25.6k
74.6k
16
——
I
SDA
Gain adjustment pin used
to mix the bass on the left
and right channels.
26
4.5V
BGAIN
VCC
GND
control
logic
SDA pin for the I2C BUS.
The Acknowledge signal is
output from this pin.
This is the data pin.
0V and 5V output pin that
enables control with the
I2C BUS.
VCC
GND
BIN
10k


Similar Part No. - BH3866AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
   3 wire serial sound control IC
logo
Rohm
BH3864F ROHM-BH3864F Datasheet
45Kb / 4P
   Audio sound controller
BH3868BFS ROHM-BH3868BFS Datasheet
239Kb / 28P
   Audio sound processor with BBE
More results

Similar Description - BH3866AS

ManufacturerPart #DatasheetDescription
logo
Rohm
BH3854AS ROHM-BH3854AS Datasheet
306Kb / 15P
   Serial sound control IC
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
   3 wire serial sound control IC
logo
Rohm
BH3856S ROHM-BH3856S Datasheet
166Kb / 16P
   2-wire serial sound control IC
BH3874AKS2 ROHM-BH3874AKS2 Datasheet
261Kb / 25P
   Sound processor IC
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
   Sound Processor IC
logo
Rohm
BH3852S ROHM-BH3852S Datasheet
198Kb / 11P
   Sound control IC
logo
Panasonic Semiconductor
AN7399S PANASONIC-AN7399S Datasheet
124Kb / 7P
   Spatializer sound processor IC
logo
List of Unclassifed Man...
BD3867AS ETC1-BD3867AS Datasheet
201Kb / 2P
   Audio sound processor IC
logo
SHENZHEN FUMAN ELECTRON...
SC2314 FUMAN-SC2314 Datasheet
216Kb / 11P
   Four input sound quality processor IC
logo
Sanyo Semicon Device
LA2655V SANYO-LA2655V Datasheet
42Kb / 4P
   Clear Sound Control IC Loading Plus Sound Algorithm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com