Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0022280181 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0022280181
Description  2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 18 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0022280181 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0022280181 Datasheet HTML 1Page - Molex Electronics Ltd. 0022280181 Datasheet HTML 2Page - Molex Electronics Ltd. 0022280181 Datasheet HTML 3Page - Molex Electronics Ltd. 0022280181 Datasheet HTML 4Page - Molex Electronics Ltd. 0022280181 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image


Similar Part No. - 0022280181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280181 MOLEX1-0022280181_17 Datasheet
63Kb / 2P
   KK 254 Breakaway Header, Vertical, with Friction Lock, 18 Circuits, 0.38m Gold
More results

Similar Description - 0022280181

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022280151 MOLEX2-0022280151 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 15 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280041 MOLEX2-0022280041 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 4 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280171 MOLEX2-0022280171 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 17 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280201 MOLEX2-0022280201 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 20 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280111 MOLEX2-0022280111 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 11 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280067 MOLEX2-0022280067 Datasheet
246Kb / 14P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280021 MOLEX2-0022280021 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 2 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280101 MOLEX2-0022280101 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280061 MOLEX2-0022280061 Datasheet
178Kb / 6P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
0022280141 MOLEX2-0022280141 Datasheet
66Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Friction Lock, 14 Circuits, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com