Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7797F Datasheet(PDF) 8 Page - Rohm

Part # BA7797F
Description  VCR standard audio signal processor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7797F Datasheet(HTML) 8 Page - Rohm

  BA7797F Datasheet HTML 1Page - Rohm BA7797F Datasheet HTML 2Page - Rohm BA7797F Datasheet HTML 3Page - Rohm BA7797F Datasheet HTML 4Page - Rohm BA7797F Datasheet HTML 5Page - Rohm BA7797F Datasheet HTML 6Page - Rohm BA7797F Datasheet HTML 7Page - Rohm BA7797F Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Video ICs
BA7797F
Electrical characteristic curves
10
100
1k
10k
100k
1M
20
40
50
60
30
VCC = 10V
VIN = – 60dBV
0.01
µ
22
µ
330k
12k
16
17
+
+
PB
330
FREQUENCY: f (Hz)
10M
Fig. 6 Gain vs. frequency (PB amplifier)
LOAD RESISTANCE: RL (
Ω)
100 200 500
1k
2k
5k
10k
0
2
4
6
8
10
10
µ
+
LINE
VOUT
RL
VCC = 10V
THD = 1%
ALC OFF
(BW = 0.4 ~ 30kHz)
Fig. 7 Line amplifier load drive
characteristics
INPUT LEVEL: VIN (dBV)
–40
–20
–10
00
10
–30
–30
–20
–10
00
VCC = 10V
VCC = 8.58V
f = 1kHz
Input: LINE IN
Output: LINE OUT
Fig. 8 ALC input / output characteristics
FREQUENCY: f (Hz)
100
10
20
30
40
50
1k
10k
100k
VCC = 10V
REC
&EQ
12k
+
1.5k
1800p
6000p
4
3
OUT
10
µ
4.7k
Input: LINE IN
Output: REC OUT
Fig. 9 Gain vs. frequency (REC amplifier)
External dimensions (Units: mm)
SOP18
0.4
± 0.1
1.27
0.3Min.
18
1
11.2
± 0.2
10
9
0.15


Similar Part No. - BA7797F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BA779 VISHAY-BA779 Datasheet
54Kb / 4P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
BA779 VISHAY-BA779 Datasheet
156Kb / 5P
   RF PIN Diodes - Single in SOT23
Rev. 1.7, 19-Feb-07
logo
Guangdong Kexin Industr...
BA779 KEXIN-BA779 Datasheet
35Kb / 1P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BA779 INFINEON-BA779 Datasheet
62Kb / 5P
   Current-controlled RF resistor for switching and attenuating applications
2007-04-19
logo
Vishay Siliconix
BA779-2 VISHAY-BA779-2 Datasheet
98Kb / 4P
   RF PIN Diodes - Dual in SOT-23
Rev. 1.6, 14-Apr-05
More results

Similar Description - BA7797F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7796FS ROHM-BA7796FS Datasheet
128Kb / 10P
   VCR standard audio signal processor
BA7795LS ROHM-BA7795LS Datasheet
163Kb / 12P
   VCR standard audio signal processor
logo
Sanyo Semicon Device
LA7282 SANYO-LA7282 Datasheet
153Kb / 7P
   VCR Audio Signal Recording / Playback Processor
LA7285 SANYO-LA7285 Datasheet
112Kb / 7P
   VCR Audio Signal Recording and Playback Processor
LA7289 SANYO-LA7289 Datasheet
210Kb / 11P
   VCR Audio Signal Record and Playback Processor
LA7286 SANYO-LA7286 Datasheet
213Kb / 10P
   VCR Audio Signal Recording and Playback Processor?
logo
Toshiba Semiconductor
TA1246F TOSHIBA-TA1246F Datasheet
2Mb / 74P
   HI-FI AUDIO SIGNAL PROCESSOR FOR VHS VCR
logo
Sanyo Semicon Device
LA7316A-N SANYO-LA7316A-N Datasheet
127Kb / 5P
   VCR VHS Chroma Signal Processor
logo
Rohm
BH7775K ROHM-BH7775K Datasheet
226Kb / 17P
   VCR audio signal processing system
logo
Panasonic Semiconductor
AN3248NK PANASONIC-AN3248NK Datasheet
68Kb / 1P
   Luminance signal processor ic for vcr
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com