Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7787FS Datasheet(PDF) 6 Page - Rohm

Part # BA7787FS
Description  Headphone / speaker amplifier for notebook computers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7787FS Datasheet(HTML) 6 Page - Rohm

Back Button BA7787FS Datasheet HTML 2Page - Rohm BA7787FS Datasheet HTML 3Page - Rohm BA7787FS Datasheet HTML 4Page - Rohm BA7787FS Datasheet HTML 5Page - Rohm BA7787FS Datasheet HTML 6Page - Rohm BA7787FS Datasheet HTML 7Page - Rohm BA7787FS Datasheet HTML 8Page - Rohm BA7787FS Datasheet HTML 9Page - Rohm BA7787FS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
Multimedia ICs
BA7786FP-Y / BA7787FS
Parameter
Symbol
Unit
Conditions
Min.
Typ.
Max.
〈Supply current〉
Supply current
Supply current SUSPEND
Output voltage level
Maximum output level
Output residual noise
Interchannel crosstalk
Muting level
Output voltage level
Input threshold level
Output voltage level
Distortion
Maximum output level
Output residual noise
Interchannel crosstalk
LINE MIX OFF level
Output level
〈MUTE CTRL〉 (pin 3)
HP MUTE ON holding voltage
HP MUTE OFF holding voltage
〈HP SUSPEND〉 (pin 9)
HP SUSPEND holding voltage
HP SUSPEND holding voltage
〈SP SUSPEND〉 (pin 10)
SP SUSPEND holding voltage
SP SUSPEND holding voltage
〈LINE MIX ON / OFF〉 (pin 12)
LINE MIX OFF holding voltage
LINE MIX ON holding voltage
EVR variation range
Distortion
Measurement circuit
3.10
4.25
6.74
No input, SP OUT = no load
Fig.2
ICC
mA
175
240
410
No input, VH = VS = H
Fig.2
ICCS
µA
〈HP AMP 1〉 INPUT: LINE IN L / R, OUTPUT: HP OUT L / R
〈HP AMP 2〉 INPUT: SYSTEM BEEP IN, OUTPUT: HP OUT L / R
〈SP AMP 2〉 INPUT: PM BEEP IN, OUTPUT: SP OUT L / R
– 7.4
– 4.0
– 1.5
VIN = – 10.0dBV
VIN = – 10.0dBV∗1
VIN = – 10.0dBV∗2
VE = HP VCC
→VE = ground level differential
Fig.2
VOHP
dBV
0.1
1.0
Fig.2
THDHP
%
– 1.6
+ 0.6
THD = 1%∗1
Fig.2
VOMHP
dBV
dBV
dBV
dBV
VP-P
VP-P
dBV
70
90
Fig.2
GEVR
dB
– 80
– 73
Rg = 1k
Ω∗2
VIN = – 7.0dBV∗2
VIN = – 7.0dBV∗2, VM = L
VIN = – 10.0dBV
VIN = – 10.0dBV∗1
VIN = – 12.0dBV∗2
VIN = – 12.0dBV∗2, VL = L
VIN = – 10.0dBV
Fig.2
VONHP
– 79
– 70
Fig.2
CTHP
– 94
– 83
Fig.2
MTHP
0.22
0.32
0.42
VIN = 5.0VP-P
Fig.2
4.5
5.0
Fig.2
VHBH
VOSP
THDSP
VOHB
– 1.4
+ 2.0
+ 4.5
Fig.2
0.4
1.5
Fig.2
%
+ 3.5
+ 5.7
THD = 1%∗1
Fig.2
VOMSP
dBV
– 90
– 80
Rg = 1k
Ω∗2
Fig.2
VONSP
dBV
dBV
dBV
dBV
– 78
– 70
Fig.2
CTSP
– 78
– 70
Fig.2
VOOFFSP
– 7.4
– 4.0
– 1.5
Fig.2
Fig.2
Fig.2
VOSB
GND
0.4
VML
V
4.3
VCC
VMH
V
GND
0.4
Fig.2
VHL
V
4.3
VCC
Fig.2
VHH
V
4.3
VCC
Fig.2
VSH
V
GND
0.4
Fig.2
VSL
V
GND
0.4
Fig.2
VLL
V
4.3
VCC
Fig.2
VLH
V
〈SP AMP 1〉 INPUT: SP IN L / R, OUTPUT: SP OUT L / R
1: B.W. = 0.4 ~ 30kHz
2: DIN audio mode settings are as follows, unless otherwise noted:
VE = HP VCC (EVR = Max.), VM = H (HP MUTE OFF), VH = L (HP SUSPEND), VS = L (SP SUSPEND), VL = H (LINE MIX ON),
VN = H (STEREO)
BA7787FS
〈Control threshold voltage〉


Similar Part No. - BA7787FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7780 ROHM-BA7780 Datasheet
144Kb / 10P
   Stereo zoom microphone amplifier for camcorders
BA7780KV ROHM-BA7780KV Datasheet
144Kb / 10P
   Stereo zoom microphone amplifier for camcorders
BA7781 ROHM-BA7781 Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
BA7781K ROHM-BA7781K Datasheet
121Kb / 7P
   Stereo microphone amplifier for camcorders
More results

Similar Description - BA7787FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH7821BFP-Y ETC1-BH7821BFP-Y Datasheet
96Kb / 2P
   Headphone/Speaker amplifier for notebook PC
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
   Notebook Computers
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
Rev. 1.0 07-11-13
EMC1188 MICROCHIP-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
Rev. 1.0 07-11-13
logo
SMSC Corporation
EMC1186 SMSC-EMC1186 Datasheet
461Kb / 43P
   Notebook Computers
EMC1188 SMSC-EMC1188 Datasheet
541Kb / 48P
   Notebook Computers
logo
Rohm
BA5210FS ROHM-BA5210FS Datasheet
136Kb / 8P
   Speaker / headphone switch power amplifier
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621 Datasheet
1Mb / 76P
   I2S AUDIO CODEC SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
logo
Renesas Technology Corp
ISL6253 RENESAS-ISL6253 Datasheet
1,021Kb / 22P
   Highly Integrated Battery Charger for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com