Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3022-15A Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 3022-15A
Description  2.50mm (.098) Pitch Header, Single Row, 7.50mm (.295") Mating Pin Length, 15 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

3022-15A Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  3022-15A Datasheet HTML 1Page - Molex Electronics Ltd. 3022-15A Datasheet HTML 2Page - Molex Electronics Ltd. 3022-15A Datasheet HTML 3Page - Molex Electronics Ltd. 3022-15A Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - 3022-15A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3022-15B MOLEX2-3022-15B Datasheet
115Kb / 3P
   2.50mm (.098) Pitch Header, Single Row, 11.10mm (..437") Mating Pin Length, 15 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com