Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7658AFS Datasheet(PDF) 6 Page - Rohm

Part # BA7658AFS
Description  Input selector switch for high definition displays
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7658AFS Datasheet(HTML) 6 Page - Rohm

Back Button BA7658AFS Datasheet HTML 2Page - Rohm BA7658AFS Datasheet HTML 3Page - Rohm BA7658AFS Datasheet HTML 4Page - Rohm BA7658AFS Datasheet HTML 5Page - Rohm BA7658AFS Datasheet HTML 6Page - Rohm BA7658AFS Datasheet HTML 7Page - Rohm BA7658AFS Datasheet HTML 8Page - Rohm BA7658AFS Datasheet HTML 9Page - Rohm BA7658AFS Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Multimedia ICs
BA7658AFS
Electrical characteristics (unless otherwise noted, Ta = 25°C, Vcc = 5.0V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Measurement circuit
Quiescent current
ICC
26
37
48
mA
Fig. 1
Analog switches
Maximum output level
Vom
2.8
——
VP-P
f = 1kHz
Fig. 1
Voltage gain
GV
– 1.0
– 0.5
0
dB
f = 1MHz, VIN = 1VP-P
Fig. 1
Voltage gain differential (Input pin)
∆GVI
– 0.2
0
0.2
dB
f = 1MHz, VIN = 1VP-P
Fig. 1
Voltage gain differential (Block)
∆GVB
– 0.2
0
0.2
dB
f = 1MHz, VIN = 1VP-P
Fig. 1
Input pin crosstalk 1
CTI1
– 50
– 40
dB
f = 10MHz, VIN = 1VP-P
Fig. 2
Block crosstalk 1
CTB1
– 50
– 40
dB
f = 10MHz, VIN = 1VP-P
Fig. 2
Digital switches
VIH
1.8
——
V
Fig. 1
VIL
——
1.2
V
Fig. 1
Input current "H" level
IIH
80
100
130
µAVIN = 5.0V
Fig. 1
IIL
– 3
– 1
µAVIN = 0V
Fig. 1
Rising time
TR
30
50
ns
Fig. 1
Falling time
TF
30
50
ns
Fig. 1
Rising delay time
TRD
30
50
ns
Fig. 1
Falling delay time
TFD
40
60
ns
Fig. 1
VOH
3.8
4.2
V
Fig. 1
VOL
0.2
0.4
V
Fig. 1
IOH
– 400
——
µA
Fig. 1
IOL
4
——
mA
Fig. 1
SYNC separation unit
Minimum SYNC separation level
VSMin.
mVP-P
Fig. 1
VOH
4.5
4.8
V
Fig. 1
VOL
0.2
0.5
V
Fig. 1
IOH
– 1.8
——
mA
Fig. 1
IOL
3.6
——
mA
Fig. 1
Rising time
TR
60
110
ns
Fig. 1
Falling time
TF
50
100
ns
Fig. 1
Rising delay time
TRD
100
150
ns
Fig. 1
Falling delay time
TFD
150
200
ns
Fig. 1
50
Output voltage "H" level
Output voltage "L" level
Output current "H" level
Output current "L" level
Output voltage "H" level
Output voltage "L" level
Output current "H" level
Output current "L" level
Input voltage "H" level
Input voltage "L" level
Input current "L" level


Similar Part No. - BA7658AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7652AF ROHM-BA7652AF Datasheet
65Kb / 6P
   Video signal swither, 1 x 3-channel with clamped-input
BA7652AF ROHM-BA7652AF Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BA7652AF ROHM-BA7652AF Datasheet
491Kb / 10P
   Single Circuit Video Signal Switcher
BA7652AF ROHM-BA7652AF_1 Datasheet
153Kb / 5P
   Single Circuit Video Signal Switchers
BA7653AF ROHM-BA7653AF Datasheet
64Kb / 6P
   Video signal switcher, 1 x 3-channel with clamped-input
More results

Similar Description - BA7658AFS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7657F ROHM-BA7657F Datasheet
164Kb / 13P
   Input selector switch for high definition displays
BH7659S ROHM-BH7659S Datasheet
130Kb / 13P
   Input selector for high resolution displays
BA7078AF ROHM-BA7078AF Datasheet
166Kb / 13P
   Synchronization signal processor for high definition displays
logo
STMicroelectronics
HD1520FX STMICROELECTRONICS-HD1520FX Datasheet
260Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION CRT DISPLAYS
logo
Unisonic Technologies
2SC3468 UTC-2SC3468 Datasheet
130Kb / 3P
   HIGH VOLTAGE TRANSISTOR FOR VIDEO OUTPUT OF HIGH-DEFINITION CRT DISPLAYS
logo
STMicroelectronics
HD1750FX STMICROELECTRONICS-HD1750FX Datasheet
187Kb / 8P
   HIGH VOLTAGE NPN POWER TRANSISTOR FOR HIGH DEFINITION AND NEW SUPER-SLIM CRT DISPLAYS
logo
Mitsubishi Electric Sem...
M52321SP MITSUBISHI-M52321SP Datasheet
604Kb / 18P
   3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS
logo
Schneider Electric
9001KS11BH27 SCHNEIDER-9001KS11BH27 Datasheet
78Kb / 1P
   SELECTOR SWITCH
Aug 15, 2019
logo
Festo Corporation.
HW-6-38 FESTO-HW-6-38 Datasheet
79Kb / 1P
   Selector switch
logo
Littelfuse
MDSR-4 LITTELFUSE-MDSR-4 Datasheet
47Kb / 1P
   SEE REED SWITCH CATALOG FOR DEFINITION OF TERMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com