Electronic Components Datasheet Search |
|
BA7645N Datasheet(PDF) 2 Page - Rohm |
|
BA7645N Datasheet(HTML) 2 Page - Rohm |
2 / 4 page 2 Multimedia ICs BA7645N •Equivalent circuits 0.8 µA 100 µA Vcc D2 Q1 Q2 R2 100 D1 Input bias current 1 µA [Typ.] ∗ Input clamp voltage 2.1V [VCC = 5V,Typ.] ∗ CLAMP INPUT 2mA Vcc Q1 D1 OUT D2 Output impedance 20 Ω [Typ.] ∗ Output DC voltage 0.55V [VCC = 5V, Typ.] ∗ OUTPUT 100 50k 20k 34k Vcc CTLA / B R4 R1 D2 R2 R3 Q3 CTLA / CTLB 100 45k 30k 29k Vcc CTLC R4 R1 D2 R2 R3 Q3 CTLC ∗ Reference value •Electrical characteristics (unless otherwise noted Ta = 25°C and VCC = 5V) Parameter Symbol Min. Typ. Max. Unit Conditions VCC 4.5 — — — — — — 13.0 V ICC — 9.5 14.5 mA Vom 3.0 3.5 — f = 1kHz, THD = 0.5% GV – 0.5 0 + 0.5 dB CT – 65 dB Cf – 3.0 0 + 1.0 dB VTH-A 1.0 2.0 3.0 V VTH-B 1.0 2.0 3.0 V VTH-C 1.0 2.0 3.0 V —— f = 10MHz / 1MHz, VIN = 1.0VP-P f = 4.43MHz, VIN = 1.0VP-P f = 1MHz, VIN = 1.0VP-P VP-P Operating voltage Supply current Maximum output level Voltage gain Interchannel crosstalk Frequency characteristics CTL pin switching level A CTL pin switching level B CTL pin switching level C Not designed for radiation resistance. |
Similar Part No. - BA7645N |
|
Similar Description - BA7645N |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |