Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7602 Datasheet(PDF) 5 Page - Rohm

Part # BA7602
Description  Video signal switcher
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7602 Datasheet(HTML) 5 Page - Rohm

  BA7602 Datasheet HTML 1Page - Rohm BA7602 Datasheet HTML 2Page - Rohm BA7602 Datasheet HTML 3Page - Rohm BA7602 Datasheet HTML 4Page - Rohm BA7602 Datasheet HTML 5Page - Rohm BA7602 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
Multimedia ICs
BA7602 / BA7602F
S1a
S2a
S3a
S1b
S2b
S3b
S1C
S2C
S3C
ICC
22
22
22
2
2
2
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
GV
GV
GV
GV
GV
GV
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
CT
CT
CT
CT
CT
CT
2
3
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
2
3
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
2
3
2
2
2
2
3
2
2
2
2
2
2
3
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
Gf
Gf
Gf
Gf
Gf
Gf
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
2
3
2
2
2
2
2
3
CTLa
CTLb
CTLc
VTH
VTH
VTH
3
2
2
2
2
2
1
2
2
2
3
2
2
2
2
2
1
2
2
2
3
2
2
2
2
2
1
IN1a
IN2a
IN1b
IN2b
IN1c
IN2c
ZIN
ZIN
ZIN
ZIN
ZIN
ZIN
1
2
2
2
2
2
2
1
2
2
2
2
2
3
2
2
2
2
2
2
1
2
2
2
2
2
2
1
2
2
2
2
2
3
2
2
2
2
2
2
1
2
2
2
2
2
2
1
2
2
2
2
2
3
VOm
VOm
VOm
VOm
VOm
VOm
f = 1kHz
THD = 0.5%
f = 1kHz
V = 1VP-P
f = 4.43MHz
V = 1VPP
f = 10M / f = 1M
V = 1VPP
Note 5
Note 6
Note 1
Note 2
Note 3
Note 4
Parameter
Symbol
Switch settings
Measurement
method
Current dissipation
Maximum
output level
Voltage gain
Interchannel
crosstalk
Frequency
characteristic
CTL pin
switching level
Input
impedance
Note 1: Connect a distortion meter to the output, and input a f = 1kHz sine wave. Adjust the output level until the output distortion is 0.5%.
This output voltage at this time is the maximum output level Vom (VP-P).
Note 2: Input a 1VP-P, 1MHz sine wave. The voltage gain is given by GV = 20 log (VOUT / VIN).
Note 3: Input a 1VP-P, 4.43MHz sine wave. The interchannel crosstalk is given by CT = 20 log (VOUT / VIN).
Note 4: Input 1VP-P, 1MHz and 10MHz sine waves. The frequency characteristic is given by Gf = 20 log (VOUT (f = 10MHz) / VOUT (f = 1MHz)).
Note 5: Input a 1VP-P, 1MHz sine wave. Reduce the CTL pin voltage from VCC.
The CTL pin switching level (VTH) is the CTL pin voltage at which the Vout level drops below 20mVP-P.
Note 6: Measure the input pin voltage VIN50 when a current of DC50
µA is flowing into the input pin. Measure the input pin open-circuit voltage.
The input impedance is given by Z = (VIN50 - VIN0) / 50
× 10-6 [Ω].
Measurment conditions


Similar Part No. - BA7602

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7602F ROHM-BA7602F Datasheet
152Kb / 5P
   Triple Circuits Video Signal, Audio Signal Switchers
BA7602F ROHM-BA7602F Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
BA7602F ROHM-BA7602F_08 Datasheet
883Kb / 9P
   Triple Circuits Video Signal Switchers
More results

Similar Description - BA7602

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7607 ROHM-BA7607 Datasheet
89Kb / 7P
   Video signal switcher
BA7649A ROHM-BA7649A Datasheet
65Kb / 5P
   Video signal switcher
BA7001 ROHM-BA7001 Datasheet
64Kb / 3P
   Video signal switcher
BA7606 ROHM-BA7606 Datasheet
82Kb / 6P
   Video signal switcher
BA7612N ROHM-BA7612N Datasheet
57Kb / 5P
   Video signal switcher
BA7603 ROHM-BA7603 Datasheet
77Kb / 6P
   Video signal switcher
BA7611AN ROHM-BA7611AN Datasheet
57Kb / 4P
   Video signal switcher
BA7021 ROHM-BA7021 Datasheet
67Kb / 3P
   Video signal switcher
BA7605N ROHM-BA7605N Datasheet
60Kb / 5P
   Video signal switcher
BA7613N ROHM-BA7613N Datasheet
64Kb / 5P
   Video signal switcher
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com