Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0015911401 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0015911401
Description  2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX2 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

0015911401 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0015911401 Datasheet HTML 1Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 2Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 3Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 4Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 5Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 6Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 7Page - Molex Electronics Ltd. 0015911401 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image


Similar Part No. - 0015911401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015911400 MOLEX2-0015911400 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015911400-ND MOLEX2-0015911400-ND Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
0015911402 MOLEX2-0015911402 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.38關m (15關") Gold (Au) Selective Plating
0015911403 MOLEX2-0015911403 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 40 Circuits, 0.76關m (30關) Gold (Au) Selective Plating
0015911404 MOLEX2-0015911404 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 4 Circuits, Tin (Sn) Plating, without PCB Locator Pegs
More results

Similar Description - 0015911401

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0015911761 MOLEX2-0015911761 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 76 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911461 MOLEX2-0015911461 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 46 Circuits, Tin (Sn) Plating, with 3.30mm (.130") PCB Locator Pegs
0015911281 MOLEX2-0015911281 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 28 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911781 MOLEX2-0015911781 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 78 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911181 MOLEX2-0015911181 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 18 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911161 MOLEX2-0015911161 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 16 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911581 MOLEX2-0015911581 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 58 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911361 MOLEX2-0015911361 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 36 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911521 MOLEX2-0015911521 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 52 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
0015911701 MOLEX2-0015911701 Datasheet
1Mb / 8P
   2.54mm (.100) Pitch C-Grid짰 Header, Surface Mount, Dual Row, Vertical, 70 Circuits, Tin (Sn) Plating, with 3.30mm (.130) PCB Locator Pegs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com