Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA7046F Datasheet(PDF) 5 Page - Rohm

Part # BA7046F
Description  SYNC separator IC with AFC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7046F Datasheet(HTML) 5 Page - Rohm

  BA7046F Datasheet HTML 1Page - Rohm BA7046F Datasheet HTML 2Page - Rohm BA7046F Datasheet HTML 3Page - Rohm BA7046F Datasheet HTML 4Page - Rohm BA7046F Datasheet HTML 5Page - Rohm BA7046F Datasheet HTML 6Page - Rohm BA7046F Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
(1) Connect pin 1 to GND via a 120k
Ω (approx.) resistor. Leave pins 2, 4 and 8 open.
(2) SYNC output polarity (pin 3) is positive.
(3) The delay time for rising edge of the SYNC output (pin 3) with respect to the falling edge of Sync for the Vsig
input signal (pin 6) is 850ns (reference value).
(4) The delay time for falling edge of the SYNC output (pin 3) with respect to the rising edge of Sync for the Vsig
input signal (pin 6) is 450ns (reference value).
Attached components
Resistor R1 should have a tolerance of ± 2%, and a temperature coefficient of 100ppm or lower.
5
Multimedia ICs
BA7046 / BA7046F
Application example
8
8
7
6
5
R2
470k
H. OSC
V. SEPA
PHASE
COMP
SYNC
SEPA
C2
C7
C1
C5
C6
R3
R4
0.022
µ
47
µ
1
µ
1
µ
+
C3
+
+
470k
330
10k
R3
470k
R2
Vsig
C4
100p
R1
130k
HD
SYNC
VD
10k
VCC = 5V
R5
10k
1
2
3
4
VCC = 5V
C3-1
0.47
µ
C3-2
0.47
µ
C2
2200p
VCC
Fig.9
By configuring the circuit enclosed in the dotted line to that in the
diagram on the right, you can decrease the lock-in time and increase the
capture range.
8
7
6
5
H. OSC
V. SEPA
PHASE
COMP
SYNC
SEPA
C7
C1
C5
C6
R4
VCC = 5V
VCC = 5V
0.022
µ
47
µ
1
µ
+
+
470k
330
Vsig
R1
120k
HD
SYNC
VD
10k
R5
1
2
3
4
Fig. 10
• When SYNC SEPA output only is used. HD and VD unused.


Similar Part No. - BA7046F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
More results

Similar Description - BA7046F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7062F ROHM-BA7062F Datasheet
88Kb / 7P
   SYNC separator IC with AFC
BA7071F ROHM-BA7071F Datasheet
75Kb / 7P
   SYNC separator IC with AFC
logo
Mitsumi Electronics, Co...
LVA519 MITSUMI-LVA519 Datasheet
169Kb / 8P
   Sync Separator with AFC Monolithic IC
logo
Rohm
BA7046F ROHM-BA7046F Datasheet
159Kb / 5P
   Sync. Separator With AFC
BA7071F ROHM-BA7071F_1 Datasheet
186Kb / 6P
   Sync. Separator With AFC
logo
Sanyo Semicon Device
LA7217 SANYO-LA7217_11 Datasheet
57Kb / 4P
   Synchronizing Signal Separator with AFC and Sync Detector
LA7217 SANYO-LA7217 Datasheet
73Kb / 4P
   Synchronzing Signal Separator with AFC and Sync Detector
logo
New Japan Radio
NJM2257 NJRC-NJM2257 Datasheet
287Kb / 9P
   SYNCHRONOUS SEPARATOR WITH AFC
logo
Mitsumi Electronics, Co...
MM1109 MITSUMI-MM1109 Datasheet
128Kb / 5P
   No-adjustment Sync Separator Monolithic IC
MM1068 MITSUMI-MM1068 Datasheet
138Kb / 5P
   No-adjustment Sync Separator Monolithic IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com