Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6665FM Datasheet(PDF) 1 Page - Rohm

Part # BA6665FM
Description  Motor driver for CD-ROMs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6665FM Datasheet(HTML) 1 Page - Rohm

  BA6665FM Datasheet HTML 1Page - Rohm BA6665FM Datasheet HTML 2Page - Rohm BA6665FM Datasheet HTML 3Page - Rohm BA6665FM Datasheet HTML 4Page - Rohm BA6665FM Datasheet HTML 5Page - Rohm BA6665FM Datasheet HTML 6Page - Rohm BA6665FM Datasheet HTML 7Page - Rohm BA6665FM Datasheet HTML 8Page - Rohm BA6665FM Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BA6665FM
Optical disc ICs
Motor driver for CD-ROMs
BA6665FM
The BA6665FM is a CD-ROM spindle motor driver supporting reverse-rotation preventing circuit. It incorporates power
save circuit, thermal shut down circuit, FG output, hall bias, etc. The 3-phasefall-wave pseudo linear driving system
achieves high-performance and multi-function.
Applications
CD-ROM / RW, DVD-ROM
Features
1) 3-phase, full-wave pseudo linear driving system
2) Built in power save
3) Built in thermal shut down circuit
4) Built in current limit circuit
5) Built in Hall Bias circuit
6) Built in FG-output ( 3 phase parallel output )
7) With switching function of regular / reverse rotations
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Supply voltage
VCC
IOUT
7V
V
Supply voltage
VM
15
2200∗1
mW
Power dissipation
Pd
Topr
−20~+75
˚C
˚C
Strage.temp.range
1300∗2
150
mA
Operate.temp.range
Maximum o.current
Juncition temp.
Tstg
Tjmax
−55~+150
˚C
∗1 Derating in done at 17.6mW / ˚C for operating above Ta=25˚C.
70mm
×70mm×1.6mm glass epoxy board.
∗2 Do not, however exceed Pd, ASO and Tj=150˚C.
Recommended operating conditions (Ta=25
°C)
Parameter
Operating supply voltage
range
VCC
4.5
5.5
VM
3.0
14.0
V
Symbol
Min.
Typ.
Max.
Unit


Similar Part No. - BA6665FM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6664FM ROHM-BA6664FM Datasheet
1Mb / 27P
   Semiconductor IC
BA6664FM ROHM-BA6664FM Datasheet
153Kb / 19P
   CD-ROM
BA6664FM ROHM-BA6664FM Datasheet
299Kb / 6P
   3-phase spindle motor driver
BA6664FM ROHM-BA6664FM Datasheet
537Kb / 18P
   1ch Spindle Motor Driver ICs
BA6664FM ROHM-BA6664FM_1 Datasheet
299Kb / 6P
   3-phase spindle motor driver
More results

Similar Description - BA6665FM

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
W49 CERAMATE-W49 Datasheet
174Kb / 11P
   3-Phase Motor Driver for CD-ROMs
logo
Rohm
BA6848FP ROHM-BA6848FP Datasheet
155Kb / 11P
   3-phase motor driver for CD-ROMs
BA6849FP ROHM-BA6849FP Datasheet
178Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849 Datasheet
188Kb / 11P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
logo
Rohm
BA6858AFP ROHM-BA6858AFP Datasheet
209Kb / 15P
   Three-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UTCA9849 UTC-UTCA9849 Datasheet
148Kb / 11P
   3-phase motor driver for CD-ROMs
logo
Rohm
BD6660FV ROHM-BD6660FV Datasheet
144Kb / 12P
   3-phase motor driver for CD-ROMs
logo
Unisonic Technologies
UA9849 UTC-UA9849_15 Datasheet
199Kb / 12P
   3-PHASE MOTOR DRIVER FOR CD-ROMS
logo
Rohm
BA5972FP ROHM-BA5972FP Datasheet
152Kb / 9P
   BTL driver for CD-ROMs
logo
Sanyo Semicon Device
LA6530M SANYO-LA6530M Datasheet
81Kb / 4P
   2-channel Bridge Driver for CD and CD-ROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com