Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6458FP-Y Datasheet(PDF) 6 Page - Rohm

Part # BA6458FP-Y
Description  3-phase motor driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6458FP-Y Datasheet(HTML) 6 Page - Rohm

  BA6458FP-Y Datasheet HTML 1Page - Rohm BA6458FP-Y Datasheet HTML 2Page - Rohm BA6458FP-Y Datasheet HTML 3Page - Rohm BA6458FP-Y Datasheet HTML 4Page - Rohm BA6458FP-Y Datasheet HTML 5Page - Rohm BA6458FP-Y Datasheet HTML 6Page - Rohm BA6458FP-Y Datasheet HTML 7Page - Rohm BA6458FP-Y Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
608
Motor driver ICs
BA6458FP-Y
(7) I / O of hysteresis amplifiers
∗ Note that resistance values of the I/O circuits can vary
± 30%
(2)
Torque control
The RNF-pin output voltage is plotted against the torque
control input voltage (EC) in Fig. 10.
(3)
Start / stop pin
The I / O equivalent circuit of the start / stop pin is shown
in (1). 1) of “Precautions for use.” The pin has a tempera-
ture dependence of
*7mV/_C, and the resistance can
vary
±30%. Take the temperature effect into consider-
ation when designing your application.
(4)
Hall input
The I / O equivalent circuit of the Hall input pins is shown
in (1). 5) of “Precautions for use.” The Hall devices can
be connected in either series or parallel.
(5)
Torque limit pin (pin 18)
The output current can be limited by applying a voltage
to the torque limit pin. Control is provided so that this pin
will have the same potential as the power ground pin.
Note that there is a voltage offset on this pin. The RNF-pin
voltage is 0.325V when the TL-pin voltage is 0.4V (typi-
cal) and the RNF-pin resistance is 0.5
Ω. Note that the volt-
age offset changes with the RNF-pin resistance.
(6)
Amplifiers 1 and 2
Unpredictable outputs may occur when the amplifier in-
put is outside the recommended range.
(7)
Hysteresis amplifier
An input range of 0.6V to (VCC
X 1.2V) is recommended.
Unpredictable outputs may occur when the input is out-
side this range.
(8)
Thermal shutdown circuit (TSD)
The circuit puts the driver outputs (A1, A2, and A3) to the
open state at the temperature of 175
_C (typical). There
is a temperature difference of about 20
_C between the
temperatures at which the circuit is activated and deacti-
vated.


Similar Part No. - BA6458FP-Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6459 ROHM-BA6459 Datasheet
217Kb / 7P
   3-PHASS DD MOTOR DRIVERS
BA6459FS ROHM-BA6459FS Datasheet
217Kb / 7P
   3-PHASS DD MOTOR DRIVERS
BA6459P ROHM-BA6459P Datasheet
217Kb / 7P
   3-PHASS DD MOTOR DRIVERS
BA6459S ROHM-BA6459S Datasheet
217Kb / 7P
   3-PHASS DD MOTOR DRIVERS
More results

Similar Description - BA6458FP-Y

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6840BFS ROHM-BA6840BFS Datasheet
127Kb / 9P
   3-phase motor driver
BA6871BS ROHM-BA6871BS Datasheet
201Kb / 11P
   3-phase motor driver
BA6438S ROHM-BA6438S Datasheet
121Kb / 8P
   3-phase motor driver
BA6860FS ROHM-BA6860FS Datasheet
611Kb / 11P
   3-phase motor driver
logo
Sanyo Semicon Device
LB1690 SANYO-LB1690 Datasheet
95Kb / 5P
   3-Phase Motor Driver????
logo
Rohm
BA6463FP-Y ROHM-BA6463FP-Y Datasheet
104Kb / 7P
   3-phase motor driver
BA6444FP ROHM-BA6444FP Datasheet
179Kb / 11P
   3-phase motor driver
BA6870S ROHM-BA6870S Datasheet
135Kb / 7P
   3-phase motor driver
BA6872AFM ROHM-BA6872AFM Datasheet
149Kb / 11P
   3-phase motor driver and reversible motor driver
logo
Sanyo Semicon Device
LB1689D SANYO-LB1689D Datasheet
110Kb / 4P
   3-Phase Brushless Motor Driver????
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com